Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M-147CPC Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT63M-147CPC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M-147CPC Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT63M-147CPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT63M-147CPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT63M-147CPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT63M-147CPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT63M-147CPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT63M-147CPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT63M-147CPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT63M-147CPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT63M-147CPC Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Appendix 2 - 13
Figure 9. Transmitter Output Characteristics (VDIS, VNS, VO)
Figure 10. Transmitter Output Zero Crossing Stability, Rise Time, Fall Time (tTZCS, tR, tF)
Figure 11. Receiver Input Zero Crossing Distortion (tRZCD)
0 Volts
0 Volts
VDIS (Ring)
VDIS (Overshoot)
VO
VNS
90%
10%
10%
90%
VO
tR
tF
tTZCS
tRZCD
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com