Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M147CPX Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT63M147CPX
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147CPX Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT63M147CPX Datasheet HTML 1Page - Aeroflex Circuit Technology UT63M147CPX Datasheet HTML 2Page - Aeroflex Circuit Technology UT63M147CPX Datasheet HTML 3Page - Aeroflex Circuit Technology UT63M147CPX Datasheet HTML 4Page - Aeroflex Circuit Technology UT63M147CPX Datasheet HTML 5Page - Aeroflex Circuit Technology UT63M147CPX Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M147CPX Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147CPX Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147CPX Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Appendix 2 - 5
TRANSMITTER
The transmitter section accepts Manchester II biphase TTL data
and converts this data into differential phase-modulated current
drive. Transmitter current drivers are coupled to a MIL-STD-
1553 data bus via a transformer driven from the TXOUT and
TXOUT terminals. Transmitter output terminals’ non-
transmitting state is enabled by asserting TXIHB (logic “1”), or
by placing both TXIN and TXIN at the same logic level. Table
1, Transmit Operating Mode, lists the functions for the output
data in reference to the state of TXIHB. Figure 3 shows typical
transmitter waveforms.
RECEIVER
The receiver section accepts biphase differential data from a
MIL-STD-1553 data bus at its RXIN and RXIN inputs. The
receiver converts input data to biphase Manchester II TTL
format and is available for decoding at the RXOUT and RXOUT
terminals. The outputs RXOUT and RXOUT represent positive
and negative excursions (respectively) of the inputs RXIN and
RXIN. Figure 4 shows typical receiver output waveforms.
Table 1. Transmit Operating Mode
Notes:
1. x = Don’t care.
2. Transmitter output terminals are in the non-transmitting mode during
Off-time.
3. Transmitter output terminals are in the non-transmitting mode during
Off-time, independent of TXIHB status.
Figure 3. Typical Transmitter
Wave
Figure 4. Typical Receiver Waveforms
TXIN
TXIN
TXIHB
TXOUT
x1
x
1
0
0
x
0
1
0
1
0
0
1
1
x
90%
10%
TXOUT, TXOUT
TXIN
TXIN
LINE-TO-LINE
DIFFERENTIAL
OUTPUT
TXIN
TXIHB
TXIN
tTXDD
BOTH HIGH
OR
BOTH LOW
RXOUT
RXOUT
RXOUT
RXOUT
LINE-TO-LINE
DIFFERENTIAL
INPUT
tRXDD
Off2
Off3
Off3
On
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com