Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFTP3401 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # MMFTP3401
Description  P-Channel Enhancement Mode FET P-Kanal FET – Anreicherungstyp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTP3401 Datasheet(HTML) 3 Page - Diotec Semiconductor

  MMFTP3401 Datasheet HTML 1Page - Diotec Semiconductor MMFTP3401 Datasheet HTML 2Page - Diotec Semiconductor MMFTP3401 Datasheet HTML 3Page - Diotec Semiconductor MMFTP3401 Datasheet HTML 4Page - Diotec Semiconductor MMFTP3401 Datasheet HTML 5Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMFTP3401
Characteristics
Kennwerte
Tj = 25°C
MMFTP3401-Q/-AQ
Min.
Typ.
Max.
Drain-Source breakdown voltage – Drain-Source-Durchbruchspannung
- ID = 250 µA
- V(BR)DSS
30 V
–
–
Drain-Source leakage current – Drain-Source-Leckstrom
- VDS = 24 V
- IDSS
–
–
1 µA
Gate-Source leakage current – Gate-Source-Leckstrom
VGS = ± 12 V
IGSS
–
–
± 100 nA
Gate-Source threshold voltage – Gate-Source Schwellspannung
VGS = VGS
- ID = 250 µA
- VGS(th)
0.7 V
–
1.4 V
Drain-Source on-state resistance – Drain-Source Einschaltwiderstand
- VGS = 10 V - ID = 4 A
- VGS = 4.5 V - ID = 3,7 A
- VGS = 2.5 V - ID = 2 A
RDS(on)
–
–
50 mΩ
60 mΩ
85 mΩ
Characteristics (dynamic)
Kennwerte (dynamisch)
Tj = 25°C
MMFTP3401-Q/-AQ
Min.
Typ.
Max.
Input Capacitance – Eingangskapazität
- VDS = 15 V
f = 1 MHz
Ciss
–
750 pF
–
Output Capacitance – Ausgangskapazität
- VDS = 15 V
f = 1 MHz
Coss
–
70 pF
–
Reverse Transfer Capacitance – Rückwirkungskapazität
- VDS = 15 V
f = 1 MHz
Crss
–
60 pF
–
Turn-On Delay & Rise Time – Einschaltverzögerung und Anstiegszeit
VGS = -10 V - VDD = 15 V R = 3.75 Ω
RG = 6 Ω
(Fig. 1)
td(on)
tr
–
5.8 ns
22 ns
–
Turn-Off Delay & Fall Time – Ausschaltverzögerung und Abfallzeit
VGS = 0 V
- VDD = 15 V R = 3.75 Ω
RG = 6 Ω
(Fig. 1)
td(off)
tf
–
178 ns
69 ns
–
Total Gate Charge – Gesamte Gate-Ladung
-VDS = 15 V -ID = 4 A
-VGS = 10 V
Qg
–
17 nC
–
Gate-Source Charge – Gate-Source-Ladung
-VDS = 15 V -ID = 4 A
-VGS = 10 V
Qgs
–
2.8 nC
–
Gate-Drain Charge – Gate-Drain-Ladung
-VDS = 15 V -ID = 4 A
-VGS = 10 V
Qgd
–
2.0 nC
–
© Diotec Semiconductor AG
http://www.diotec.com/
3
t
d(on)
V
GS
90%
10%
V
DS
t
r
t
d(off)
t
f
Fig. 1
Test circuit for switching
times (R) and avalanche
energy (L)
(“rise“ and “fall“ refer to I )
D
Testaufbau für Schaltzeiten (R)
und Avalanche-Energie (L)
(“rise“ und “fall“ beziehen sich auf I
D)
V
GS
R
G
R
V
DS
V
DD
I
D
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com