Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVR-Z-R0004 Datasheet(PDF) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVR-Z-R0004
Description  ISA-WELD® // PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVR-Z-R0004 Datasheet(HTML) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVR-Z-R0004 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVR-Z-R0004 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVR-Z-R0004 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVR-Z-R0004 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BVR-Z-R0004 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 /5
ISA-WELD® // PRECISION RESISTORS
BVR // 4026
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 18-February-2019 // Current valid issue: see www.isabellenhuette.de
Stability < 1.0% (in covered condition)
Power derating curve at 70 °C
Example: BVR-I-R002
Terminal temperature TK [°C]
Power derating curve at 100 °C
Example: BVR-Z-R0005
Stability < 1.0% (in covered condition)
Stability < 0.5%
P [W]/PNom
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
Terminal temperature TK [°C]
Temperature dependence of the electrical resistance of
MANGANIN® resistors
dR/R20 [%]
Temperature dependence of the electrical resistance of
ZERANIN® resistors
dR/R20 [%]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
70
P [W]/PNom
Temperature dependence of the electrical resistance of
ISAOHM® resistors
dR/R20 [%]
22.10.2018,me
-2,0
-1,6
-1,2
-0,8
-0,4
0,0
0,4
0,8
1,2
1,6
2,0
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
22.10.2018,me
-2,0
-1,6
-1,2
-0,8
-0,4
0,0
0,4
0,8
1,2
1,6
2,0
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
Temperature [°C]
Temperature [°C]
Temperature [°C]
07.01.2019,me
-2,0
-1,6
-1,2
-0,8
-0,4
0,0
0,4
0,8
1,2
1,6
2,0
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -20 ppm/K
TCR = +20 ppm/K
Temperature dependence of the electrical resistance of
NOVENTIN® resistors
dR/R20 [%]
22.10.2018,me
-2,0
-1,6
-1,2
-0,8
-0,4
0,0
0,4
0,8
1,2
1,6
2,0
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
Temperature [°C]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com