Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVR-Z-R00062 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # BVR-Z-R00062
Description  ISA-WELD® // PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVR-Z-R00062 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVR-Z-R00062 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVR-Z-R00062 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVR-Z-R00062 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVR-Z-R00062 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BVR-Z-R00062 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 /5
ISA-WELD® // PRECISION RESISTORS
BVR // 4026
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 18-February-2019 // Current valid issue: see www.isabellenhuette.de
Recommended solder profile
Reflow-, IR-soldering
Temperature
°C
260
255
217
Time
sec
peak
40
90
Tape and reel information
Specification
DIN EN 60286-3
Tape width
mm
24
Reel size
inch
13
Parts per reel
pcs
1400
Packaging weight
g
576
Specification
Parameters
Test conditions
Specified values
Temperature Cycling
2000 cycles (-55 °C to +150 °C)
±0.5 %
Low Temperature Storage and Operation
-65 °C for 250 h
±0.1 %
Resistance to Soldering Heat
260 °C for 10 sec / 8h steam aging
n.a.
Moisture Resistance
MIL-STD-202 method 106
±0.1 %
Mechanical Shock
100 g, 6 ms half sine
±0.2 %
Vibration, High Frequency
10 g, 10-2000 Hz, 24 h each axis
±0.2 %
Operational Life
2000 h, TK max at rated power
±1.0 %, TK = 130 °C
High Temperature Exposure
2000 h / 170 °C
±1.0 % (in covered condition)*
Bias Humidity
+85 °C, 85 r.F., 1000 h
±0.5 %
* for MANGANIN® and ZERANIN®30
Type
Value [mΩ] Rthi [K/W]
TCR [ppm/K] P70 °C PT
K
> 100°C
TK = 170°C - (Rthi x P)
BVR-Z-R0002
0.2
4
<20
12 W
5 W
BVR-Z-R0003
0.3
5
<20
11 W
5 W
BVR-Z-R0004
0.4
7
<20
10 W
5 W
BVR-Z-R0005
0.5
8
<20
9 W
5 W
BVR-Z-R00062 0.62
10
<20
8 W
4 W
BVR-M-R0007 0.7
12
<20
8 W
4 W
BVR-M-R001
1.0
14
<50
7 W
4 W
BVR-I-R001
1.0
9
<50
8 W
5 W
BVR-I-R002
2.0
14
<50
6 W
4 W
BVR-V-R002
2.0
17
<50
6 W
4 W
BVR-I-R003
3.0
21
<50
5 W
3 W
Abbrevation type I=ISAOHM®, M=MANGANIN®, V=NOVENTIN®, Z=ZERANIN®30
TK: terminal temperature (Kontaktstellentemperatur)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com