Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB55 Datasheet(PDF) 1 Page - ams AG

Part # IB55
Description  CMOS-level input buffer pad with pull-down.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

IB55 Datasheet(HTML) 1 Page - ams AG

  IB55 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IB55 is a CMOS-level input buffer pad with pull-down.
Truth Table
PAD
A
Q
CMOS
P
D
Capacitance
A
Q
Ci (pF)
L
L
A
1.002
HH
high imp.
L
Area
Power
71.61 mils
2
6.94 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay A to Q
tpdar
0.45
1.07
1.35
0.66
1.27
1.57
tpdaf
0.48
0.95
1.18
0.83
1.30
1.52
Output Slope A to Q
op_slar
0.61
2.43
3.40
0.63
2.43
3.32
op_slaf
0.45
1.66
2.22
0.50
1.62
2.21
Sept. 1996
- 172 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
IB55
IB55


Similar Part No. - IB55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB54 ETC2-IB54 Datasheet
914Kb / 1P
Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
More results

Similar Description - IB55

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50 Datasheet
84Kb / 8P
Noninverting Buffer / CMOS Logic Level Shifter
March, 2003 - Rev. 11
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Toshiba Semiconductor
TC74HCT240AP TOSHIBA-TC74HCT240AP_07 Datasheet
270Kb / 8P
Octal Bus Buffer with TTL Input Level
TC74HCT540AP TOSHIBA-TC74HCT540AP_07 Datasheet
273Kb / 7P
Octal Bus Buffer with TTL Input Level
logo
ON Semiconductor
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_09 Datasheet
134Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL.Compatible Inputs
May, 2012 ??Rev. 15
MC74VHCT50A ONSEMI-MC74VHCT50A_11 Datasheet
132Kb / 7P
Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 7
MC74VHC1GT04DT1G ONSEMI-MC74VHC1GT04DT1G Datasheet
127Kb / 6P
Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
MC74VHC1GT50DTT1G ONSEMI-MC74VHC1GT50DTT1G Datasheet
128Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter
February, 2013 ??Rev. 15
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_15 Datasheet
83Kb / 6P
Noninverting Buffer CMOS Logic Level Shifter
October, 2015 ??Rev. 16
logo
Laird Tech Smart Techno...
BL652-SA LSTD-BL652-SA Datasheet
2Mb / 69P
Input with active low logic. Internal pull down
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com