Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N74F07AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # N74F07AD
Description  Inverter/buffer drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F07AD Datasheet(HTML) 2 Page - NXP Semiconductors

  N74F07AD Datasheet HTML 1Page - NXP Semiconductors N74F07AD Datasheet HTML 2Page - NXP Semiconductors N74F07AD Datasheet HTML 3Page - NXP Semiconductors N74F07AD Datasheet HTML 4Page - NXP Semiconductors N74F07AD Datasheet HTML 5Page - NXP Semiconductors N74F07AD Datasheet HTML 6Page - NXP Semiconductors N74F07AD Datasheet HTML 7Page - NXP Semiconductors N74F07AD Datasheet HTML 8Page - NXP Semiconductors N74F07AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F06, 74F06A,
74F07, 74F07A
Hex inverter/buffer drivers (open-collector)
2
July 24, 1992
853–1122 07270
FEATURES OF 74F06, 74F07
• Open Collector output drive 64mA
• High speed
• 12V output termination voltage
• Symmetrical propagation delays
FEATURES OF 74F06A, 74F07A
• Open Collector output drive 48mA
• High speed
• 30V output termination voltage
• Replaces 74F06 and 74F07
• Improved performance upgrade for 74F06 and 74F07
• Reduced I
OH leakage @ 30V
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F06
3.5ns
30mA
74F06A
9.0ns
30mA
74F07
4.5ns
32mA
74F07A
10.0ns
32mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
14-pin plastic Dual In-line Package
N74F06N, N74F06AN
SOT27–1
14-pin plastic Small Outline
N74F07D, N74F07AD
SOT108–1
PIN CONFIGURATIONS
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Y4
A3
Y3
A4
A5
Y5
A0
Y0
Y2
A1
Y1
A2
SF00016
74F06/74F06A
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Y4
A3
Y3
A4
A5
Y5
A0
Y0
Y2
A1
Y1
A2
SF00017
74F07/74F07A
LOGIC SYMBOLS
46
8
10
13
5
9
11 13
VCC = Pin 14
GND = Pin 7
SF00018
A0
A1 A2
A3 A4 A5
2
Y0Y1Y2Y3Y4Y5
12
74F06/74F06A
46
8
10
13
5
9
11 13
VCC = Pin 14
GND = Pin 7
SF00019
A0
A1 A2
A3 A4 A5
2
Y0
Y1 Y2
Y3
Y4 Y5
12
74F07/74F07A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com