Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9773FA Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC9773FA
Description  3.3 V 1:12 LVCMOS PLL Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9773FA Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC9773FA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9773FA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9773FA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9773FA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9773FA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9773FA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9773FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9773FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9773FA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Advanced Clock Drivers Device Data
Freescale Semiconductor
5
MPC9773
Table 7. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC ÷ 2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
CPD
Power Dissipation Capacitance
12
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
Table 8. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
–0.3
3.9
V
VIN
DC Input Voltage
–0.3
VCC + 0.3
V
VOUT
DC Output Voltage
–0.3
VCC + 0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage Temperature
–65
125
°C
Table 9. DC Characteristics (VCC = 3.3 V ± 5%, TA = -40°C to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VCC_PLL PLL Supply Voltage
3.0
VCC
V
LVCMOS
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
VPP
Peak-to-Peak Input Voltage
PCLK, PCLK
250
mV
LVPECL
VCMR
Common Mode Range(1)
PCLK, PCLK
1. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (DC) specification.
1.0
VCC – 0.6
V
LVPECL
VOH
Output High Voltage
2.4
V
IOH = –24 mA(2)
2. The MPC9773 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50 Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50 Ω series terminated transmission lines.
VOL
Output Low Voltage
0.55
0.30
V
V
IOL = 24 mA
IOL = 12 mA
ZOUT
Output Impedance
14 – 17
Ω
IIN
Input Current(3)
3. Inputs have pull-down resistors affecting the input current.
±200
µA
VIN = VCC or GND
ICC_PLL Maximum PLL Supply Current
8.0
13.5
mA
VCC_PLL Pin
ICCQ
Maximum Quiescent Supply Current
35
mA
All VCC Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com