Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB621 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TSB621
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB621 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TSB621 Datasheet HTML 27Page - STMicroelectronics TSB621 Datasheet HTML 28Page - STMicroelectronics TSB621 Datasheet HTML 29Page - STMicroelectronics TSB621 Datasheet HTML 30Page - STMicroelectronics TSB621 Datasheet HTML 31Page - STMicroelectronics TSB621 Datasheet HTML 32Page - STMicroelectronics TSB621 Datasheet HTML 33Page - STMicroelectronics TSB621 Datasheet HTML 34Page - STMicroelectronics TSB621 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Contents
1
Pin connections ...................................................................2
2
Absolute maximum ratings and operating conditions ..............................4
3
Electrical characteristics...........................................................5
4
Typical performance characteristics ...............................................8
5
Package information..............................................................17
5.1
SOT23-5 package information................................................... 18
5.2
SO8 package information....................................................... 20
5.3
MiniSO8 package information ................................................... 22
5.4
DFN8 3x3 wettable flanks package information (package code: A03Y)................. 24
5.5
SO14 package information...................................................... 26
5.6
TSSOP14 package information .................................................. 28
6
Ordering information .............................................................30
Revision history .......................................................................31
TSB621, TSB622, TSB624
Contents
DS13848 - Rev 3
page 32/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com