Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB622 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSB622
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB622 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSB622 Datasheet HTML 26Page - STMicroelectronics TSB622 Datasheet HTML 27Page - STMicroelectronics TSB622 Datasheet HTML 28Page - STMicroelectronics TSB622 Datasheet HTML 29Page - STMicroelectronics TSB622 Datasheet HTML 30Page - STMicroelectronics TSB622 Datasheet HTML 31Page - STMicroelectronics TSB622 Datasheet HTML 32Page - STMicroelectronics TSB622 Datasheet HTML 33Page - STMicroelectronics TSB622 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
6
Ordering information
Table 15. Order code
Order code
Package
Packaging
Marking
TSB621ILT
SOT23-5
Tape & Reel
K2K
TSB621IYLT (1)
K2L
TSB622IDT
SO8
TSB622I
TSB622IYDT (1)
TSB622IY
TSB622IST
MiniSO8
K2K
TSB622IYST (1)
K2L
TSB622IQ3T
DFN8 3x3 WF
K2K
TSB622IYQ3T (1)
K2L
TSB624IDT
SO14
TSB624I
TSB624IYDT (1)
TSB624IY
TSB624IPT
TSSOP14
TSB624I
TSB624IYPT (1)
TSB624IY
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 &
Q002 or equivalent.
TSB621, TSB622, TSB624
Ordering information
DS13848 - Rev 3
page 30/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com