Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ124 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSZ124
Description  High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ124 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSZ124 Datasheet HTML 17Page - STMicroelectronics TSZ124 Datasheet HTML 18Page - STMicroelectronics TSZ124 Datasheet HTML 19Page - STMicroelectronics TSZ124 Datasheet HTML 20Page - STMicroelectronics TSZ124 Datasheet HTML 21Page - STMicroelectronics TSZ124 Datasheet HTML 22Page - STMicroelectronics TSZ124 Datasheet HTML 23Page - STMicroelectronics TSZ124 Datasheet HTML 24Page - STMicroelectronics TSZ124 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
5.3
Input offset voltage drift overtemperature
The maximum input voltage drift variation overtemperature is defined as the offset variation related to the offset
value measured at 25 °C. The operational amplifier is one of the main circuits of the signal conditioning chain, and
the amplifier input offset is a major contributor to the chain accuracy. The signal chain accuracy at 25 °C can be
compensated during production at application level. The maximum input voltage drift overtemperature enables
the system designer to anticipate the effect of temperature variations.
The maximum input voltage drift overtemperature is computed using Eq. (1).
ΔVIOΔT=max VioT−Vio25°C
T−25°C
(1)
Where T = -40 °C and 150 °C
The TSU111H datasheet maximum values are guaranteed by measurements on a representative sample size
ensuring a Cpk (process capability index) greater than 1.3.
5.4
Using the TSU111H with sensors
The TSU111H has MOS inputs, thus input bias currents can be guaranteed down to 10 pA maximum at ambient
temperature. This is an important parameter when the operational amplifier is used in combination with high
impedance sensors.
The TSU111H is perfectly suited for trans-impedance configuration. This configuration allows a current to be
converted into a voltage value with a gain set by the user. It is an ideal choice for portable electrochemical gas
sensing or photo/UV sensing applications. The TSU111H, using trans-impedance configuration, is able to provide
a voltage value based on the physical parameter sensed by the sensor.
5.5
Fast desaturation
When the TSU111H goes into saturation mode, it takes a short period of time to recover, typically 500 µs. When
recovering after saturation, the TSU111H does not exhibit any voltage peaks that could generate issues (such as
false alarms) in the application (see Figure 20).
We can observe that this circuit still exhibits good gain even close to the rails, that is, Avd greater than 100 dB
for VCC = 3.3 V with Vout varying from 200 mV up to a supply voltage minus 200 mV. With a trans-impedance
schematic, a voltage reference can be used to keep the signal away from the supply rails.
5.6
Using the TSU111H in comparator mode
The TSU111H can be used as a comparator. In this case, the output stage of the device always operates in
saturation mode. In addition, Figure 5, Figure 6, Figure 7, show that the current consumption is not higher and
even decreases smoothly close to the rails. The TSU111H is obviously an operational amplifier and is therefore
optimized for use in linear mode. We recommend using the TS88 series of nanopower comparators if the primary
function is to perform a signal comparison only.
TSU111H
Input offset voltage drift overtemperature
DS14162 - Rev 1
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com