Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC073N12LM6 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ISC073N12LM6
Description  OptiMOSTM 6 Power-Transistor, 120 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC073N12LM6 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ISC073N12LM6 Datasheet HTML 3Page - Infineon Technologies AG ISC073N12LM6 Datasheet HTML 4Page - Infineon Technologies AG ISC073N12LM6 Datasheet HTML 5Page - Infineon Technologies AG ISC073N12LM6 Datasheet HTML 6Page - Infineon Technologies AG ISC073N12LM6 Datasheet HTML 7Page - Infineon Technologies AG ISC073N12LM6 Datasheet HTML 8Page - Infineon Technologies AG ISC073N12LM6 Datasheet HTML 9Page - Infineon Technologies AG ISC073N12LM6 Datasheet HTML 10Page - Infineon Technologies AG ISC073N12LM6 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
OptiMOSTM6Power-Transistor,120V
ISC073N12LM6
Rev.2.0,2022-12-13
Final Data Sheet
5PackageOutlines
1
10:1
Z8B00003332
REVISION
ISSUE DATE
EUROPEAN PROJECTION
08
05.11.2019
0
3mm
DOCUMENT NO.
1.27
MILLIMETERS
DIMENSION
0.90
1.20
D1
A
b
D
D2
E
E1
E2
e
L
0.34
0.54
0.00
0.22
3.88
4.31
0.45
0.71
MIN.
MAX.
SCALE
2
M
0.45
0.69
0.15
0.35
A1
3.90
4.40
4.80
5.35
5.70
6.10
5.90
6.42
Figure1OutlinePG-TDSON-8,dimensionsinmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com