Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC16DP15LM Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC16DP15LM
Description  OptiMOSTM Power-Transistor, -150 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC16DP15LM Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC16DP15LM Datasheet HTML 1Page - Infineon Technologies AG ISC16DP15LM Datasheet HTML 2Page - Infineon Technologies AG ISC16DP15LM Datasheet HTML 3Page - Infineon Technologies AG ISC16DP15LM Datasheet HTML 4Page - Infineon Technologies AG ISC16DP15LM Datasheet HTML 5Page - Infineon Technologies AG ISC16DP15LM Datasheet HTML 6Page - Infineon Technologies AG ISC16DP15LM Datasheet HTML 7Page - Infineon Technologies AG ISC16DP15LM Datasheet HTML 8Page - Infineon Technologies AG ISC16DP15LM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
ISC16DP15LM
Rev.2.0,2022-10-07
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
SuperSO8
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode
MOSFET
OptiMOSTMPower-Transistor,-150V
Features
•P-Channel
•Verylowon-resistanceRDS(on)@VGS=4.5V
•100%avalanchetested
•LogicLevel
•Enhancementmode
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Productvalidation
FullyqualifiedaccordingtoJEDECforIndustrialApplications
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
-150
V
RDS(on),max
160
m
ID
-22
A
Type/OrderingCode
Package
Marking
RelatedLinks
ISC16DP15LM
PG-TDSON-8
16DP15LM
-


Similar Part No. - ISC16DP15LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC165N15NM6 INFINEON-ISC165N15NM6 Datasheet
1Mb / 13P
MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
Revision 1.0 2024-11-22
More results

Similar Description - ISC16DP15LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC093N15NS5 INFINEON-BSC093N15NS5 Datasheet
1Mb / 10P
OptiMOSTM 5 Power-Transistor, 150 V
Rev.2.2,2016-06-10
BSC160N15NS5 INFINEON-BSC160N15NS5 Datasheet
1Mb / 10P
OptiMOSTM 5 Power-Transistor, 150 V
Rev.2.2,2016-01-22
IPT063N15N5 INFINEON-IPT063N15N5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2021-09-23
ISZ15EP15LM INFINEON-ISZ15EP15LM Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, -150 V
Rev. 2.0, 2022-10-13
ISZ56DP15LM INFINEON-ISZ56DP15LM Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, -150 V
Rev. 2.0, 2022-10-13
ISZ75DP15LM INFINEON-ISZ75DP15LM Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, -150 V
Rev. 2.0, 2022-10-13
BSC110N15NS5SC INFINEON-BSC110N15NS5SC Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.1, 2022-10-07
BSC160N15NS5SC INFINEON-BSC160N15NS5SC Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.1, 2022-10-07
BSC074N15NS5 INFINEON-BSC074N15NS5 Datasheet
976Kb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2019-09-18
IQE220N15NM5 INFINEON-IQE220N15NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2022-06-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com