Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFFA-800 Datasheet(PDF) 1 Page - CUI Devices

Part # CFFA-800
Description  FAN FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFFA-800 Datasheet(HTML) 1 Page - CUI Devices

  CFFA-800 Datasheet HTML 1Page - CUI Devices CFFA-800 Datasheet HTML 2Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 08/05/2022
page 1 of 2
MODEL: CFFA-800 | DESCRIPTION: FAN FILTER
cuidevices.com
FEATURES
• 83.8 x 83.8 mm fan filter
• 71 mm pitch
• for use with 80 mm fan
MECHANICAL DRAWING
units: mm
tolerance: ±1.0 mm
unless otherwise noted
DESCRIPTION
MATERIAL
PLATING/COLOR
housing
PA-707 (UL94HB)
black
media
polyurethane foam
(30 PPI)
UPPER HOUSING
LOWER HOUSING
Additional Resources: Product Page


Similar Part No. - CFFA-800

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
CFFA-800 SAMESKY-CFFA-800 Datasheet
279Kb / 2P
FAN FILTER
09/12/2024
More results

Similar Description - CFFA-800

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFFA-400 CUID-CFFA-400 Datasheet
337Kb / 2P
FAN FILTER
08/05/2022
CFFA-600 CUID-CFFA-600 Datasheet
316Kb / 2P
FAN FILTER
08/05/2022
CFFA-920 CUID-CFFA-920 Datasheet
387Kb / 2P
FAN FILTER
08/05/2022
logo
CoolCox Limited All rig...
CCFA12CM COOLCOX-CCFA12CM Datasheet
1,006Kb / 1P
Fan Filter
CCFA8CM COOLCOX-CCFA8CM Datasheet
928Kb / 1P
Fan Filter
CCFF12CM COOLCOX-CCFF12CM Datasheet
1Mb / 1P
Fan Filter
CCFF4CM COOLCOX-CCFF4CM Datasheet
2Mb / 1P
Fan Filter
CCFF6CM COOLCOX-CCFF6CM Datasheet
1Mb / 1P
Fan Filter
CCFF8CM COOLCOX-CCFF8CM Datasheet
1Mb / 1P
Fan Filter
CCFF9CM COOLCOX-CCFF9CM Datasheet
1Mb / 1P
Fan Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com