Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-35CF Datasheet(PDF) 2 Page - CUI Devices

Part # CFM-35CF
Description  DC AXIAL FAN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-35CF Datasheet(HTML) 2 Page - CUI Devices

  CFM-35CF Datasheet HTML 1Page - CUI Devices CFM-35CF Datasheet HTML 2Page - CUI Devices CFM-35CF Datasheet HTML 3Page - CUI Devices CFM-35CF Datasheet HTML 4Page - CUI Devices CFM-35CF Datasheet HTML 5Page - CUI Devices CFM-35CF Datasheet HTML 6Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CUI DEVICES | SERIES: CFM-35CF | DESCRIPTION: DC AXIAL FAN
date 08/12/2022 | page 2 of 6
cuidevices.com
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
10.8
12
13.2
Vdc
starting voltage
7
Vdc
PERFORMANCE6
parameter
conditions/description
min
typ
max
units
rated speed
at rated voltage, 25°C, after 3 minutes
6,000
8,000
RPM
air flow
at 0 inch H
2O, see performance curves
3.93
5.90
CFM
static pressure
at 0 CFM, see performance curves
0.08
0.17
inch H
2O
noise
at 1 m, rated speed
18.8
27.7
dBA
Note:
6. See Model section on page 1 for specific values.
PROTECTIONS / FEATURES7
parameter
conditions/description
min
typ
max
units
polarity protection
on all models
tachometer signal
available on “20” and “22” models
PWM control signal
available on “22” models
Notes:
7. See Application Notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance
at 500 Vdc between frame and positive terminal
10
MΩ
dielectric strength
at 500 Vac, 60 Hz, 1 minute between housing and positive
terminal
5
mA
safety approvals
UL/cUL 507, TUV (EN/IEC 62368-1:2020+A11)
EMI/EMC
EN 55032:2015, EN 55035:2017
life expectancy
at 40°C, 65% RH, 90% confidence level
40,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
75
°C
operating humidity
non-condensing
35
85
%
storage humidity
non-condensing
35
85
%
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com