Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-60V Datasheet(PDF) 1 Page - CUI Devices

Part # CFM-60V
Description  DC AXIAL FAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-60V Datasheet(HTML) 1 Page - CUI Devices

  CFM-60V Datasheet HTML 1Page - CUI Devices CFM-60V Datasheet HTML 2Page - CUI Devices CFM-60V Datasheet HTML 3Page - CUI Devices CFM-60V Datasheet HTML 4Page - CUI Devices CFM-60V Datasheet HTML 5Page - CUI Devices CFM-60V Datasheet HTML 6Page - CUI Devices CFM-60V Datasheet HTML 7Page - CUI Devices CFM-60V Datasheet HTML 8Page - CUI Devices CFM-60V Datasheet HTML 9Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
date 09/29/2022
page 1 of 15
SERIES: CFM-60V | DESCRIPTION: DC AXIAL FAN
cuidevices.com
FEATURES
• omniCOOLTM bearing system
• 60 x 60 mm frame
• multiple speed options for different cooling needs
• tachometer signal and rotation detect options available
• auto restart protection standard on all models
MODEL
input
voltage
input
current1
input
power1
rated
speed1
air
flow2
static pres-
sure3
noise4
rated
(Vdc)
range
(Vdc)
max
(mA)
max
(W)
typ
(RPM±15%)
(CFM)
(inch H
2O)
max
(dBA)
CFM-6010V-130-205
12
6~13.8
56
0.68
3000
12.2
0.08
20.5
CFM-6010V-135-250
12
4.5~13.8
87
1.05
3500
14.3
0.10
25.0
CFM-6010V-140-285
12
4.5~13.8
125
1.50
4000
16.3
0.12
28.5
CFM-6015V-122-145
12
4.5~13.8
29
0.35
2200
12.7
0.04
14.5
CFM-6015V-130-213
12
4.5~13.8
58
0.70
3000
17.6
0.12
21.3
CFM-6015V-139-292
12
4.5~13.8
79
0.95
3900
22.8
0.14
29.2
CFM-6015V-147-342
12
4.5~13.8
147
1.77
4700
26.4
0.18
34.2
CFM-6015V-154-362
12
4.5~13.8
213
2.56
5400
30.4
0.22
36.2
CFM-6015V-239-292
24
8~27.6
48
1.16
3900
22.8
0.14
29.2
CFM-6015V-247-342
24
8~27.6
87
2.09
4700
26.4
0.18
34.2
CFM-6015V-254-362
24
8~27.6
98
2.36
5400
30.4
0.22
36.2
CFM-6020V-131-210
12
4.5~13.8
48
0.58
3100
16.5
0.10
21.0
CFM-6020V-142-280
12
4.5~13.8
75
0.90
4200
19.0
0.16
28.0
CFM-6020V-150-335
12
4.5~13.8
115
1.38
5000
23.0
0.21
33.5
CFM-6020V-157-390
12
4.5~13.8
164
1.97
5700
25.5
0.27
39.0
CFM-6020V-230-230
24
8~27.6
29
0.70
3100
16.5
0.10
21.0
CFM-6020V-237-280
24
8~27.6
42
1.01
4200
19.0
0.16
28.0
CFM-6020V-245-335
24
8~27.6
87
2.09
5700
25.5
0.27
39.0
CFM-6025V-125-107
12
4.5~13.8
26
0.32
2500
13.8
0.06
10.7
CFM-6025V-131-167
12
4.5~13.8
53
0.64
3100
16.0
0.10
16.7
CFM-6025V-138-220
12
4.5~13.8
83
1.00
3800
19.3
0.15
22.0
CFM-6025V-145-270
12
4.5~13.8
87
1.05
4500
23.5
0.21
27.0
CFM-6025V-152-312
12
4.5~13.8
150
1.80
5200
27.0
0.31
31.2
CFM-6025V-231-167
24
8~27.6
28
0.68
3100
16.0
0.10
16.7
Notes:
1. At rated voltage, 25°C, 0 inch H
20 static pressure, after 10 minutes
2. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 inch H
20 static pressure
3. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 CFM airflow.
4. Measured in a semi-anechoic chamber with background noise < 15 dBA at 1 m from the fan intake.
5. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
Additional Resources: Product Page | 3D Model


Similar Part No. - CFM-60V

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
More results

Similar Description - CFM-60V

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com