Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2815 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2815
Description  1.5A High-side Power Distribution Switch with Enable and Flag
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2815 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2815 Datasheet HTML 1Page - Diodes Incorporated AP2815 Datasheet HTML 2Page - Diodes Incorporated AP2815 Datasheet HTML 3Page - Diodes Incorporated AP2815 Datasheet HTML 4Page - Diodes Incorporated AP2815 Datasheet HTML 5Page - Diodes Incorporated AP2815 Datasheet HTML 6Page - Diodes Incorporated AP2815 Datasheet HTML 7Page - Diodes Incorporated AP2815 Datasheet HTML 8Page - Diodes Incorporated AP2815 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Advance Datasheet
1.5A High-side Power Distribution Switch with Enable and Flag
AP2815
Apr. 2012 Rev 1. 7
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2815
-
Circuit Type
Product
Package
Temperature
Range
Condition
Part Number
Marking ID
Packing
Type
AP2815AM-G1
2815AM-G1
Tube
SOIC-8
AP2815AMTR-G1
2815AM-G1
Tape & Reel
AP2815AMM-G1
2815AMM-G1
Tube
AP2815A
MSOP-8
-40 to 85
°C
Active High
with Auto
Discharge
AP2815AMMTR-G1
2815AMM-G1
Tape & Reel
AP2815BM-G1
2815BM-G1
Tube
SOIC-8
AP2815BMTR-G1
2815BM-G1
Tape & Reel
AP2815BMM-G1
2815BMM-G1
Tube
AP2815B
MSOP-8
-40 to 85
°C
Active High
without Auto
Discharge
AP2815BMMTR-G1
2815BMM-G1
Tape & Reel
AP2815CM-G1
2815CM-G1
Tube
SOIC-8
AP2815CMTR-G1
2815CM-G1
Tape & Reel
AP2815CMM-G1
2815CMM-G1
Tube
AP2815C
MSOP-8
-40 to 85
°C
Active Low
with Auto
Discharge
AP2815CMMTR-G1
2815CMM-G1
Tape & Reel
AP2815DM-G1
2815DM-G1
Tube
SOIC-8
AP2815DMTR-G1
2815DM-G1
Tape & Reel
AP2815DMM-G1
2815DMM-G1
Tube
AP2815D
MSOP-8
-40 to 85
°C
Active Low
without Auto
Discharge
AP2815DMMTR-G1
2815DMM-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and Green.
G1: Green
TR: Tape & Reel
Blank: Tube
Package
M: SOIC-8
MM: MSOP-8
Condition
A: Active High with Auto Discharge
B: Active High without Auto Discharge
C: Active Low with Auto Discharge
D: Active Low without Auto Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com