Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPQ4228-331M Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CPQ4228-331M
Description  High Current Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CPQ4228-331M Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CPQ4228-331M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CPQ4228-331M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CPQ4228-331M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CPQ4228-331M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 / 4
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
High Current Power Inductor
CPQ4228 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ High current,high inductance power inductors designed for
High current power supply applications
▪ Flat wire windings provide extremely low DC resistance
▪ Temperature rise current and saturation current
is less influenced by environment.
Features:
▪ Core material:Ferrite
▪ Core and winding loss:
See
https://www.codaca.com/DesignTool_Power-Inductor-Loss-Comparison.html
▪ Environmental: RoHS, Reach compliant ,Halogen free
▪ Weight:130.5g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
▪ Operating temperature range: -40℃~+125℃
(including coil
’s self temperature rise).
▪ Storage temperature range: -40℃~+125℃
Application:
▪ Designed for high-efficiency power supplies requiring high
Current and high inductance
▪ DC/DC converters in distributed power systems and etc
1 Product
Dimensions (mm)
2 Electrical Characteristics
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
±20%
Typical
Max.
Typical
Typical
CPQ4228-6R8M
6.80
2.80
2.95
75.0
34.0
CPQ4228-100M
10.0
2.80
2.95
60.0
34.0
CPQ4228-150M
15.0
2.80
2.95
47.0
34.0
CPQ4228-220M
22.0
2.80
2.95
35.4
34.0
CPQ4228-330M
33.0
2.80
2.95
24.7
34.0
CPQ4228-470M
47.0
2.80
2.95
17.6
34.0
CPQ4228-680M
68.0
2.80
2.95
12.2
34.0
CPQ4228-101M
100
2.80
2.95
7.80
34.0
CPQ4228-151M
150
2.80
2.95
4.96
34.0
CPQ4228-221M
220
10.5
11.5
7.20
17.5
CPQ4228-331M
330
10.5
11.5
5.20
17.5
CPQ4228-471M
470
10.5
11.5
3.60
17.5
Marking
42.0±1.0
35.8±1.0
28.0±1.0
22.5±0.5
35.0±0.5
18.5±0.5
6.5±0.5
3.8±0.5
※ A±0.3
0.5±0.1
Code
5.0±1.0
43.0
36.8
35.0
22.5
18.5
4.8
※ B
7.5
1.0
Part No.
Dimension A
6R8-151
1.50
2.30
221-471
0.80
1.40
Dimension B
Typical Land Pattern
All data is tested on 25
℃ ambient temperature
1.Inductance measure condition at 100kHz,0.1V
2.Isat:the actual value of DC current when the
Inductance decrease 20% of its initial Value
3.Irms:The actual value of DC current when the
Temperature rise is
ΔT40℃(Ta=25℃)
3 How to Order:
CPQ4228-6R8M
Model
Dimensions
Value Code
Tolerance
※ Date code will be changed by manufacture date


Similar Part No. - CPQ4228-331M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPQ057 CENTRAL-CPQ057 Datasheet
37Kb / 1P
TRIAC 2.0 Amp, 600 Volt TRIAC Chip
CPQ090 CENTRAL-CPQ090 Datasheet
127Kb / 2P
TRIAC 4.0 Amp, 600 Volt TRIAC Chip
CPQ110 CENTRAL-CPQ110 Datasheet
33Kb / 1P
Triac 8.0 Amp, 600 Volt Triac Chip
CPQ114-CQD-8M3 CENTRAL-CPQ114-CQD-8M3 Datasheet
457Kb / 4P
Three Quadrant TRIAC Die 8.0 Amp, 600 Volt
CPQ128-CQDD-12M3 CENTRAL-CPQ128-CQDD-12M3 Datasheet
459Kb / 4P
Three Quadrant TRIAC Die 12 Amp, 600 Volt
More results

Similar Description - CPQ4228-331M

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBX0650 CODACA-CSBX0650 Datasheet
718Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com