Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2821 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2821
Description  High-side Power Distribution Switch with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2821 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2821 Datasheet HTML 2Page - Diodes Incorporated AP2821 Datasheet HTML 3Page - Diodes Incorporated AP2821 Datasheet HTML 4Page - Diodes Incorporated AP2821 Datasheet HTML 5Page - Diodes Incorporated AP2821 Datasheet HTML 6Page - Diodes Incorporated AP2821 Datasheet HTML 7Page - Diodes Incorporated AP2821 Datasheet HTML 8Page - Diodes Incorporated AP2821 Datasheet HTML 9Page - Diodes Incorporated AP2821 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Advance Datasheet
High-side Power Distribution Switch with Enable
AP2821
Mar. 2013
Rev 2. 0
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
(VIN=5.0V, CIN=4.7μF, COUT=4.7μF, Typical TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Input Voltage Range
VIN
2.7
5.5
V
Switch On Resistance
RDS(ON)
VIN=5V, IOUT=0.5A
120
140
m
Ω
Current Limit
ILIMIT
VOUT=4.0V
1.5
2.0
2.8
A
Supply Current
ISUPPLY
VIN=5V, RLOAD Open
35
65
μA
Fold-back Short Current
ISHORT
VOUT=0V
1.5
A
Shutdown Supply Current
ISHUTDOWN
VEN=0V, Shutdown Mode
0.1
1
μA
Output Leakage Current
ILEAKAGE
VEN=0V, VOUT=0V
0.1
1
μA
Enable High Voltage
VENH
Enable Logic High
2.0
6.0
V
Enable Low Voltage
VENL
Enable Logic Low
0
1.2
V
Enable Pin Input Current
IEN
Force 0V to 5.0V at EN Pin
0
1.0
μA
Under
Voltage
Lockout
Threshold Voltage
VUVLO
VIN Increasing from 0V
2.2
2.5
2.7
V
Under Voltage Hysteresis
VUVLOHY
0.2
V
Reverse Current
IREVERSE
VEN=0V, VOUT>VIN
0.1
1.0
μA
Shutdown Pull Low Resistance
RDISCHARGE
VEN is disable
100
250
Ω
Output Turn-on Time
tON
From Enable Active to 90% of
Output, RL=10Ω
1.9
ms
Thermal Shutdown
Temperature
TOTSD
145
o
C
Thermal Shutdown Hysteresis
THYOTSD
20
Thermal Resistance
(Junction to Case)
θ
JC
70
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com