Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3031 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3031
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3031 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3031 Datasheet HTML 1Page - Diodes Incorporated AP3031 Datasheet HTML 2Page - Diodes Incorporated AP3031 Datasheet HTML 3Page - Diodes Incorporated AP3031 Datasheet HTML 4Page - Diodes Incorporated AP3031 Datasheet HTML 5Page - Diodes Incorporated AP3031 Datasheet HTML 6Page - Diodes Incorporated AP3031 Datasheet HTML 7Page - Diodes Incorporated AP3031 Datasheet HTML 8Page - Diodes Incorporated AP3031 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP3031
Document number: DS41442 Rev. 2 - 2
4 of 13
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP3031
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
TOP
Operating Temperature Range
-40
+85
°C
VIN
Input Voltage
2.7
16
V
VCTRL
CTRL Pin Voltage
—
16
V
Electrical Characteristics (@VIN = 5.0V, VCTRL = 5.0V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Operating Voltage
—
2.7
—
16
V
VFB
Feedback Voltage (Note 6)
IOUT = 20mA, 3 LEDs
TA = -40°C to +85°C
188
200
212
mV
IFB
FB Pin Bias Current
—
—
35
100
nA
IQ
Quiescent Current
VFB = VIN, No Switching
3.0
4.0
5.0
mA
ISHDN
Shutdown Quiescent Current
VCTRL = 0V
20
50
80
µA
f
Switching Frequency
—
0.75
1
1.3
MHz
DMAX
Maximum Duty Cycle
—
90
93
—
%
ILIMIT
Switch Current Limit (Note 7)
D = 60%
1.2
1.4
—
A
VCESAT
Switch VCE Saturation Voltage
ISW = 0.6A
—
300
—
mV
—
Switch Leakage Current
VSW = 16V
—
0.01
5
µA
VCTRL
CTRL Pin Voltage
Active High
1.8
—
—
V
Active Low
—
—
0.5
ICTRL
CTRL Pin Bias Current
—
35
60
85
µA
VOVP
OVP Voltage
—
15.5
17.5
19.5
V
tSS
Soft-Start Time
—
—
250
—
µs
tSTB
Standby Time
—
—
0.7
—
ms
TOTSD
Thermal Shutdown
—
—
+155
—
°C
JC
Thermal Resistance
(Junction to Case)
—
—
60
—
°C/W
Notes:
6. The bold type specifications of full temperature range are guaranteed by design (GBD).
7. The switch current limit is related to duty cycle. Please refer to Figure Switch Current Limit vs. Duty Cycle for detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com