Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2844/7 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2844/7
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2844/7 Datasheet(HTML) 1 Page - Alpha Wire

  2844/7 Datasheet HTML 1Page - Alpha Wire 2844/7 Datasheet HTML 2Page - Alpha Wire 2844/7 Datasheet HTML 3Page - Alpha Wire 2844/7 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 2844/7
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
24 (7/32) AWG Silver Plated Copper
0.024
b) Insulation
0.006" Wall, Nom. PTFE
0.036+/- 0.002
(1) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET
1) Military
MIL-W-16878/6 (Type ET)
2) Other
NEMA HP3-ETXBEB
1) EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
All materials used in the manufacture of this part are in compliance with
European Directive 2011/65/EU and the amending Directive 2015/863/EU of
4 June 2015 regarding the restriction of use of certain hazardous substances
in electrical and electronic equipment.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of California to
cause Cancer or Reproductive Harm, but is exempt from labeling based on
the Consent Judgement. See the Alpha Wire website for more information.


Similar Part No. - 2844/7

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2844/19 ALPHAWIRE-2844/19 Datasheet
98Kb / 4P
Customer Specification
2/23/2023
More results

Similar Description - 2844/7

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com