Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2989LV Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2989LV
Description  Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2989LV Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2989LV Datasheet HTML 1Page - National Semiconductor (TI) LP2989LV Datasheet HTML 2Page - National Semiconductor (TI) LP2989LV Datasheet HTML 3Page - National Semiconductor (TI) LP2989LV Datasheet HTML 4Page - National Semiconductor (TI) LP2989LV Datasheet HTML 5Page - National Semiconductor (TI) LP2989LV Datasheet HTML 6Page - National Semiconductor (TI) LP2989LV Datasheet HTML 7Page - National Semiconductor (TI) LP2989LV Datasheet HTML 8Page - National Semiconductor (TI) LP2989LV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagrams
Surface Mount Packages:
8 Lead LLP Surface Mount Package
10135702
SO-8/Mini SO-8 Package
See NS Package Drawing Numbers M08A/MUA08A
10135750
Top View
See NS Package Number LDC08A
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
8 Lead LLP
1.8
A
LP2989AILD-1.8
L01EA
1000 Units on Tape and
Reel
1.8
A
LP2989AILDX-1.8
L01EA
4500 Units on Tape and
Reel
1.8
STD
LP2989ILD-1.8
L01EAB
1000 Units on Tape and
Reel
1.8
STD
LP2989ILDX-1.8
L01EAB
4500 Units on Tape and
Reel
SO-8 (M)
1.8
A
LP2989AIMX-1.8
2989AIM1.8
2500 Units on Tape and
Reel
1.8
A
LP2989AIM-1.8
2989AIM1.8
Shipped in Anti-Static
Rails
1.8
STD
LP2989IMX-1.8
2989IM1.8
2500 Units on Tape and
Reel
1.8
STD
LP298IM-1.8
2989IM1.8
Shipped in Anti-Static
Rails
8 Lead MSOP (MM)
1.8
A
LP2989AIMMX-1.8
LA5A
3500 Units on Tape and
Reel
1.8
A
LP2989AIMM-1.8
LA5A
1000 Units on Tape and
Reel
1.8
STD
LP2989IMMX-1.8
LA5B
3500 Units on Tape and
Reel
1.8
STD
LP2989IMM-1.8
LA5B
1000 Units on Tape and
Reel
For output voltages
≥ 2V, see LP2989 datasheet.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com