Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GUSLD06 Datasheet(PDF) 1 Page - Belden Inc.

Part # GUSLD06
Description  Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 6f MM OM3. CPR Dca.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GUSLD06 Datasheet(HTML) 1 Page - Belden Inc.

  GUSLD06 Datasheet HTML 1Page - Belden Inc. GUSLD06 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GUSLD06
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) + LSZH with 1
Tube of Ø3.3mm (OD 6.5mm) 6f MM OM3. CPR Dca.
Product Description
Universal (Indoor/Outdoor) optical fiber (London Underground Certified; LU S1085 A4) Central Loose Tube cable with glass yarns (standard rodent protection)
as strength member and Low Smoke Zero Halogen outer jacket. Product feature: This cable has standard rodent protection by glass yarns. Existing out of 1
Tube with a diameter of 3.3mm and cable diameter of 6.5mm with 6 fibers MM OM3. CPR Euroclass Dca.
Technical Specifications
Product Overview
Construction Type:
Central Loose Tube
Environmental Space:
Indoor/Outdoor - Euroclass Dca
Suitable Applications:
For outdoor and indoor use in structured (data) wiring systems such as industrial backbone, campus backbone, building backbone (riser) and/or horizontal cabling. For
outdoor and indoor use in networks for industrial, telecom, cable TV and/or broadcast. Easy to install in ducts, tunnels and/or tubes. The cable has been designed to meet
the requirements of LUL 1-085 standard.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
Subunit Color
OM3
6
TIA coding (Gxxxxxx.T): Natural
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White
Cable Core Water Tight:
Yes
Cable Core Waterblocking:
Waterblocking Glass Yarns
Bulk Cable Weight:
48 kg/km
SubUnit Specifications
Number of Active Subunits:
1
Number of Subunit Positions:
1
Fibers Per Subunit:
6
Subunit Diameter:
3.3 mm
Subunit Waterblocking:
Gel Filled
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 6.5 mm
1.15 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1300 nm:
0.9 dB/km
Max. Attenuation at 850 nm:
2.9 dB/km


Similar Part No. - GUSLD06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GUSLD04 BELDEN-GUSLD04 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 4f MM OM3. CPR Dca.
2023 Belden, Inc
GUSLD04.002100 BELDEN-GUSLD04.002100 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 4f MM OM3. CPR Dca.
2023 Belden, Inc
GUSLD08 BELDEN-GUSLD08 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 8f MM OM3. CPR Dca.
2023 Belden, Inc
GUSLD08.002100 BELDEN-GUSLD08.002100 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 8f MM OM3. CPR Dca.
2023 Belden, Inc
More results

Similar Description - GUSLD06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GUSL106 BELDEN-GUSL106 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 6f MM OM1. CPR Dca.
2023 Belden, Inc
GUSL108 BELDEN-GUSL108 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 8f MM OM1. CPR Dca.
2023 Belden, Inc
GUSL204 BELDEN-GUSL204 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 4f MM OM2. CPR Dca.
2023 Belden, Inc
GUSL206 BELDEN-GUSL206 Datasheet
152Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 6f MM OM2. CPR Dca.
2023 Belden, Inc
GUSL212 BELDEN-GUSL212 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 12f MM OM2. CPR Dca.
2023 Belden, Inc
GUSLD04 BELDEN-GUSLD04 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 4f MM OM3. CPR Dca.
2023 Belden, Inc
GUSLD08 BELDEN-GUSLD08 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 8f MM OM3. CPR Dca.
2023 Belden, Inc
GUSLD12 BELDEN-GUSLD12 Datasheet
155Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 12f MM OM3. CPR Dca.
2023 Belden, Inc
GUSLD24 BELDEN-GUSLD24 Datasheet
155Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 24f MM OM3. CPR Dca.
2023 Belden, Inc
GUSLE06 BELDEN-GUSLE06 Datasheet
152Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 6f MM OM4. CPR Dca.
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com