Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F153 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F153
Description  Dual 4-line to 1-line multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F153 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F153 Datasheet HTML 1Page - NXP Semiconductors 74F153 Datasheet HTML 2Page - NXP Semiconductors 74F153 Datasheet HTML 3Page - NXP Semiconductors 74F153 Datasheet HTML 4Page - NXP Semiconductors 74F153 Datasheet HTML 5Page - NXP Semiconductors 74F153 Datasheet HTML 6Page - NXP Semiconductors 74F153 Datasheet HTML 7Page - NXP Semiconductors 74F153 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F153
Dual 4-line to 1-line multiplexer
2
1996 Jan 05
853–0100 16187
FEATURES
• Non-inverting outputs
• Separate enable for each section
• Common select inputs
• See 74F253 for 3-State version
DESCRIPTION
The 74F153 is a dual 4-input multiplexer that can select 2 bits of
data from up to four sources selected by common Select inputs (S0,
S1). The two 4-input multiplexer circuits have individual active-Low
Enables (Ea, Eb) which can be used to strobe the outputs
independently. Outputs (Ya, Yb) are forced Low when the
corresponding Enables (Ea, Eb) are High.
The 74F153 is the logic implementation of a 2-pole, 4-position
switch where the switch is determined by the logic levels supplied to
the common select inputs.
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F153
7.0ns
12mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Ya
VCC
I2b
I1b
I0b
I3b
Eb
S0
Ea
S1
I0a
I3a
I2a
I1a
9
8
GND
Yb
SF00146
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG.
DWG. #
16-pin plastic DIP
N74F153N
SOT38-4
16-pin plastic SO
N74F153D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
I0a – I3a
Port A data inputs
1.0/1.0
20
µA/0.6mA
I0b – I3b
Port B data inputs
1.0/1.0
20
µA/0.6mA
S0, S1
Common Select inputs
1.0/1.0
20
µA/0.6mA
Ea
Port A Enable input (active Low)
1.0/1.0
20
µA/0.6mA
Eb
Port B Enable input (active Low)
1.0/1.0
20
µA/0.6mA
Ya, Yb
Port A, B data outputs
50/33
1.0
µA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
Ya
7
VCC = Pin 16
GND = Pin 8
14
2
1
15
S0
S1
Ea
Eb
I1a
I2a
43
SF00147
I3a
I0a
65
Yb
9
I1b
I2b
12
13
I3b
I0b
10
11
IEC/IEEE SYMBOL
SF00148
1
6
5
EN
0
1
14
0
2
1
7
G
0
3
MUX
4
3
2
3
15
10
11
9
12
13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com