Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8576D
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8576D Datasheet HTML 17Page - NXP Semiconductors PCF8576D Datasheet HTML 18Page - NXP Semiconductors PCF8576D Datasheet HTML 19Page - NXP Semiconductors PCF8576D Datasheet HTML 20Page - NXP Semiconductors PCF8576D Datasheet HTML 21Page - NXP Semiconductors PCF8576D Datasheet HTML 22Page - NXP Semiconductors PCF8576D Datasheet HTML 23Page - NXP Semiconductors PCF8576D Datasheet HTML 24Page - NXP Semiconductors PCF8576D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
2004 Dec 22
21
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
After an acknowledgement, one or more command bytes
follow that define the status of each addressed
PCF8576D.
The last command byte sent is identified by resetting its
most significant bit, continuation bit C, (see Fig.18). The
command bytes are also acknowledged by all addressed
PCF8576Ds on the bus.
After the last command byte, one or more display data
bytes may follow. Display data bytes are stored in the
display RAM at the address specified by the data pointer
and the subaddress counter. Both data pointer and
subaddress counter are automatically updated and the
data directed to the intended PCF8576D device.
An acknowledgement after each byte is asserted only by
the PCF8576Ds that are addressed via address lines A0,
A1 and A2. After the last display byte, the I2C-bus master
asserts a STOP condition (P). Alternately a START may
be asserted to RESTART an I2C-bus access.
7.8
Command decoder
The command decoder identifies command bytes that
arrive on the I2C-bus. All available commands carry a
continuation bit C in their most significant bit position as
shown in Fig.18. When this bit is set, it indicates that the
next byte of the transfer to arrive will also represent a
command. If this bit is reset, it indicates that the command
byte is the last in the transfer. Further bytes will be
regarded as display data.
The five commands available to the PCF8576D are
defined in Table 4.
MBA607
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig.13 Bit transfer.
handbook, full pagewidth
MBC622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition
Fig.14 Definition of START and STOP conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com