Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/2 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8576DT/2
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DT/2 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8576DT/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 27Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 28Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 29Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 30Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 31Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
2004 Dec 22
28
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
10 DC CHARACTERISTICS
VDD = 1.8 to 5.5 V; VSS =0V;VLCD = 2.5 to 6.5 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. VLCD > 3 V for 1⁄3 bias.
2. LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50% duty factor; I2C-bus inactive.
3. When tested, I2C pins SCL and SDA have no diode to VDD and may be driven according to the Vi2 limiting values
given in Chapter 8. Also see Fig.24.
4. Periodically sampled, not 100% tested.
5. Outputs measured one at a time.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
1.8
−
5.5
V
VLCD
LCD supply voltage
note 1
2.5
−
6.5
V
IDD
supply current
note 2; fCLK = 1536 Hz
−
820
µA
ILCD
LCD supply current
note 2; fCLK = 1536 Hz
−
24
60
µA
Logic
VIL
LOW-level input voltage
CLK, SYNC, OSC, A0 to A2 and SA0
VSS
−
0.3VDD
V
VIH
HIGH-level input voltage
CLK, SYNC, OSC, A0 to A2 and SA0
0.7VDD
−
VDD
V
VIL2
LOW-level input voltage SCL, SDA
VSS
−
0.3VDD
V
VIH2
HIGH-level input voltage SCL, SDA
note 3
0.7VDD
−
VDD
V
IOL1
LOW-level output current CLK, SYNC VOL = 0.4 V; VDD =5V
1
−−
mA
IOH1
HIGH-level output current CLK
VOH = 4.6 V; VDD =5V
−1
−−
mA
IOL2
LOW-level output current SDA
VOL = 0.4 V; VDD =5V
3
−−
mA
IL1
leakage current
CLK, SCL, SDA, A0 to A2 and SA0
VI =VDD or VSS
−1
−
+1
µA
IL2
leakage current OSC
VI =VDD
−1
−
+1
µA
VPOR
power-on reset voltage level
1.0
1.3
1.6
V
CI
input capacitance
note 4
−−
7pF
LCD outputs
VBP
DC voltage tolerance BP0 to BP3
−100
−
+100
mV
VS
DC voltage tolerance S0 to S39
−100
−
+100
mV
RBP
output resistance BP0 to BP3
note 5; VLCD =5V
−
1.5
−
k
Ω
RS
output resistance S0 to S39
note 5; VLCD =5V
−
6.0
−
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com