Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAB0530-R22M Datasheet(PDF) 4 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSAB0530-R22M
Description  Molding Power Choke
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSAB0530-R22M Datasheet(HTML) 4 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSAB0530-R22M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0530-R22M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0530-R22M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0530-R22M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0530-R22M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0530-R22M Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0530-R22M Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0530-R22M Datasheet HTML 8Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0530-R22M Datasheet HTML 9Page - Shenzhen Codaca Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 / 10
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Choke
CSAB0530 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
5 L vs Frequency
0.01
0.10
1.00
0.1
1
10
100
Frequency (MHz)
CSAB0530-R22M
0.01
0.10
1.00
0.1
1
10
100
Frequency (MHz)
CSAB0530-R33M
0.10
1.00
10.00
0.1
1
10
100
Frequency (MHz)
CSAB0530-R47M
0.10
1.00
10.00
0.1
1
10
100
Frequency (MHz)
CSAB0530-R68M
0.10
1.00
10.00
0.1
1
10
100
Frequency (MHz)
CSAB0530-1R0M
0.10
1.00
10.00
0.1
1
10
100
Frequency (MHz)
CSAB0530-1R5M
1.00
10.00
100.00
0.1
1
10
100
Frequency (MHz)
CSAB0530-2R2M
1.00
10.00
100.00
0.1
1
10
100
Frequency (MHz)
CSAB0530-3R3M



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com