Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-5050N10-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-5050N10-R80
Description  PLCC/Ceramic Based LED Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5050N10-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-5050N10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-5050N10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-5050N10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5050N10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5050N10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5050N10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5050N10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5050N10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5050N10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 3 of 11
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
*2Forward Voltage
VF
2.9
-
3.4
V
Luminous Flux
Φ V
18
-
-
lm
x
-
0.37
-
Chromaticity Coordinates
y
-
0.37
-
-
Color Temperature
CCT
3710
4745
K
Viewing Angle
2θ 1/2
-
120
-
deg
Color Rendering Index
CRI
IF =60mA
80
-
-
-
● Typical Electro-Optical Characteristics Curves.
V S . F O RW A R D CUR RE NT
F ig .4 R E LA T IV E L U M IN O U S IN T E N S IT Y
30
0
0.5
1.0
1.5
2.0
F O RW ARD C U R R ENT (m A)
60
90
120
150
40
AM BIENT T E M PER AT UR E T a ( C)
-2 0
-4 0
0
A
30
60
90
12 0
15 0
18 0
02 0
60
80
AM BIENT T E M PER AT UR E T a ( C)
V S . A M BIEN T T E M P ER AT U R E
F ig .3 R E LA T IV E LU M IN O U S IN T E N S IT Y
20
0
40
60
80
10 0
12 0
20
40
60
100
VS. AM BIEN T TEM PER ATU R E
F ig .2 F O RW A R D CU RR E NT
30 0
0
2
60
12 0
18 0
24 0
FO R W A R D VO L T AG E (V )
4
681 0
F O RW A R D V O L T A G E
F ig .5 F O RW A R D CU RRE N T V S .
10
0.2
0.8
0.7
0.3
0.5
0.1
0.9
1.0
0
60
0.4
0.6
80
90
70
50
40
30
20
F ig .6 RA DIA T IO N DIA G RA M
F ig .1 REL A T IVE IN T E NSIT Y VS. W AVE L E NGT H
0.0
380
0.2
0.6
W AVE L E N G T H
(n m )
430
48 0
53 0
58 0
630
680
73 0
80 0
0.1
0.5
0.8
[IF = 60m A T a= 25
]
⊥
0.3
0.4
0.7
0.9
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com