Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-5050W10-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-5050W10-R80
Description  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5050W10-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-5050W10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-5050W10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-5050W10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5050W10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5050W10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5050W10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5050W10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5050W10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5050W10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 3 of 12
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
*2Forward Voltage
VF
3.0
-
3.5
V
Luminous Flux
Φ V
17
-
-
lm
x
-
0.43
-
Chromaticity Coordinates
y
-
0.40
-
-
Color Temperature
CCT
2580
3710
K
Viewing Angle
2θ 1/2
-
120
-
deg
Color Rendering Index
CRI
IF =60mA
80
-
-
-
● Typical Electro-Optical Characteristics Curves.
VS. FORWARD CURRENT
Fig.4 RELATIVE LUMINOUS INTENSITY
30
0
0.5
1.0
1.5
2.0
FORWARD CURRENT (mA)
60
90
120
150
40
AMBIENT TEMPERATURE Ta( C)
-20
-40
0
A
30
60
90
120
150
180
020
60
80
AMBIENT TEMPERATURE Ta( C)
VS. AMBIENT TEMPERATURE
20
0
40
60
80
100
120
20
40
60
100
VS. AMBIENT TEMPERATURE
Fig.2 FORWARD CURRENT
300
0
2
60
120
180
240
FORWARD VOLTAGE (V)
4
6810
FORWARD VOLTAGE
Fig.5 FORWARD CURRENT VS.
10
0.2
0.8
0.7
0.3
0.5
0.1
0.9
1.0
0
60
0.4
0.6
80
90
70
50
40
30
20
Fig.6 RADIATION DIAGRAM
Fig.1 RELATIVE INTENSITY VS. WAVELENGTH
0.0
380
0.2
0.6
WAVELENGTH (nm)
430
480
530
580
630
680
730
800
0.1
0.5
0.8
0.3
0.4
0.7
0.9
1.0
Fig.3 RELATIVE LUMINOUS INTENSITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com