Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5534AVF80R2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5534AVF80R2
Description  Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534AVF80R2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5534AVF80R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5534AVF80R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5534AVF80R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5534AVF80R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5534AVF80R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5534AVF80R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5534AVF80R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5534AVF80R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5534AVF80R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Freescale Semiconductor
Data Sheet: Product Preview
Document Number: MPC5534
Rev. 0, 06/2006
Contents
© Freescale Semiconductor, Inc., 2006. All rights reserved.
• Preliminary—Subject to Change Without Notice
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
This document provides electrical specifications, pin
assignments, and package diagrams for the MPC5534
microcontroller device. For functional characteristics,
refer to the MPC5534 Microcontroller Reference
Manual.
1
Overview
The MPC5534 microcontroller (MCU) is a member of
the MPC5500 family of microcontrollers based on the
PowerPC™ Book E architecture. This family of parts
contains many new features coupled with high
performance CMOS technology to provide substantial
reduction of cost per feature and significant performance
improvement over the MPC500 family.
The host processor core of this device is compatible with
the PowerPC Book E architecture. It is 100% user mode
compatible (with floating point library) with the classic
PowerPC instruction set. The Book E architecture has
enhancements that improve the PowerPC architecture’s
fit in embedded applications. This core also has
additional instructions, including digital signal
processing (DSP) instructions, beyond the classic
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.2
Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . . 5
3.3
Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.4
EMI (Electromagnetic Interference) Characteristics 8
3.5
ESD Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 9
3.6
VRC/POR Electrical Specifications . . . . . . . . . . . . . 9
3.7
Power Up/Down Sequencing. . . . . . . . . . . . . . . . . 10
3.8
DC Electrical Specifications. . . . . . . . . . . . . . . . . . 12
3.9
Oscillator & FMPLL Electrical Characteristics . . . . 19
3.10 eQADC Electrical Characteristics . . . . . . . . . . . . . 20
3.11 H7Fb Flash Memory Electrical Characteristics . . . 22
3.12 AC Specifications . . . . . . . . . . . . . . . . . . . . . . . . . 23
3.13 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
4
Mechanicals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
4.1
Pinouts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
4.2
Package Dimensions. . . . . . . . . . . . . . . . . . . . . . . 46
5
Revision History. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
MPC5534 Microcontroller
Data Sheet
by: Microcontroller Division


Similar Part No. - MPC5534AVF80R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5534MVF40 FREESCALE-MPC5534MVF40 Datasheet
1Mb / 60P
MPC5534 Microcontroller Data Sheet
MPC5534MVF66 FREESCALE-MPC5534MVF66 Datasheet
1Mb / 60P
MPC5534 Microcontroller Data Sheet
MPC5534MVF80 FREESCALE-MPC5534MVF80 Datasheet
1Mb / 60P
MPC5534 Microcontroller Data Sheet
MPC5534MVM40 FREESCALE-MPC5534MVM40 Datasheet
1Mb / 60P
MPC5534 Microcontroller Data Sheet
MPC5534MVM66 FREESCALE-MPC5534MVM66 Datasheet
1Mb / 60P
MPC5534 Microcontroller Data Sheet
More results

Similar Description - MPC5534AVF80R2

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com