Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5534MVM80R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC5534MVM80R2
Description  Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534MVM80R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5534MVM80R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5534MVM80R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5534MVM80R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5534MVM80R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5534MVM80R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5534MVM80R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5534MVM80R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5534MVM80R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5534MVM80R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
MPC5534 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
2
PowerPC instruction set. This family of parts contains many new features coupled with high performance
CMOS technology to provide significant performance improvement over the MPC565.
The host processor core of the MPC5534 also includes an instruction set enhancement allowing variable
length encoding (VLE). This allows optional encoding of mixed 16- and 32-bit instructions. With this
enhancement, it is possible to achieve significant code size footprint reduction.
The MPC5534 has a single level of memory hierarchy consisting of 64-Kbyte on-chip SRAM and 1 Mbyte
of internal Flash memory. Both the SRAM and the Flash memory can hold instructions and data. The
External Bus Interface has been designed to support most of the standard memories used with the MPC5xx
family. The MPC5534 does not support arbitration between itself and other masters on the external bus. It
must be either the only master on the external bus or act as a slave-only device.
The complex I/O timer functions of the MPC5534 are performed by an Enhanced Time Processor Unit
engine (eTPU). The eTPU engine controls 32 hardware channels. The eTPU has been enhanced over the
MPC500 family’s TPU by providing 24-bit timers, double action hardware channels, variable number of
parameters per channel, angle clock hardware, and additional control and arithmetic instructions. The
eTPU can be programmed using a high-level programming language.
The less complex timer functions of MPC5534 are performed by the enhanced Modular Timer System
(eMIOS). The eMIOS 24 hardware channels are capable of single action, double action, pulse width
modulation (PWM) and modulus counter operation. Motor control capabilities include edge-aligned and
center-aligned PWM.
Off-chip communication is performed by a suite of serial protocols including CANs, enhanced SPIs
(Deserialize/Serialize Peripheral Interface) and SCIs. The DSPIs support pin reduction through hardware
serialization and deserialization of timer channels and GPIO signals.
The MPC5534 MCU has an on-chip 40-channel Enhanced Queued Dual Analog-to-Digital Converter
(eQADC), with 5V conversion range.
The System Integration Unit (SIU) performs several chip-wide configuration functions. Pad configuration
and General-Purpose Input and Output (GPIO) are controlled from the SIU. External interrupts and reset
control are also found in the SIU. The Internal Multiplexer sub-block (IMUX) provides multiplexing of
eQADC trigger sources, daisy chaining the DSPIs and external interrupt signal multiplexing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com