Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX20003 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ASX20003
Description  HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ASX20003 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ASX20003 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ASX20003 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ASX20003 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ASX20003 Datasheet HTML 4Page - Nais(Matsushita Electric Works) ASX20003 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SX
121
ORDERING INFORMATION
200
A
Z
1H
Ex. ASX
Contact arrangement
Terminal shape
Operating function
Packing style
Coil voltage (DC)
Nil: Standard PC board terminal
A: Surface-mount terminal
2: 2 Form C
0: Single side stable
1: 1 coil latching
2: 2 coil latching
Type of operation
0: Standard type
(B.B.M.)
Nil: Tube packing
Z: Tape and reel packing
(piked from 8/9/10/12
pin side)
1H: 1.5V
03 : 3V
4H: 4.5V
06 : 6V
09 : 9V
12 : 12V
24 : 24V
Note: Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/3/4/5-pin side) is also available. Suffix “X” instead of “Z”.
TYPES AND COIL DATA (at 20
°C 68°F)
(1) Standard PC board terminal
1) Standard packing: 40 pcs. in an inner package (tube); 1,000 pcs. in an outer package
2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
Single side stable
1 coil latching
2 coil latching
Part No.
Coil Rating,
V DC
Pick-up voltage,
V DC (max.)
(initial)
Drop-out
voltage,
V DC (min.)
(initial)
Nominal
operating current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
mW
Max. allowable
voltage,
V DC
Standard PC
board terminal
ASX2001H
1.5
1.2
0.15
33.3
45
50
2.25
ASX20003
3
2.4
0.3
16.7
180
50
4.5
ASX2004H
4.5
3.6
0.45
11.1
405
50
6.75
ASX20006
6
4.8
0.6
8.3
720
50
9
ASX20009
9
7.2
0.9
5.6
1,620
50
13.5
ASX20012
12
9.6
1.2
4.2
2,880
50
18
ASX20024
24
19.2
2.4
2.9
8,229
70
36
Part No.
Coil Rating,
V DC
Set voltage,
V DC (max.)
(initial)
Reset voltage,
V DC (max.)
(initial)
Nominal
operating current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
mW
Max. allowable
voltage,
V DC
Standard PC
board terminal
ASX2101H
1.5
1.2
1.2
23.3
64.3
35
2.25
ASX21003
3
2.4
2.4
11.7
257
35
4.5
ASX2104H
4.5
3.6
3.6
7.8
579
35
6.75
ASX21006
6
4.8
4.8
5.8
1,029
35
9
ASX21009
9
7.2
7.2
3.9
2,314
35
13.5
ASX21012
12
9.6
9.6
2.9
4,114
35
18
ASX21024
24
19.2
19.2
2.1
11,520
50
36
Part No.
Coil Rating,
V DC
Set voltage,
V DC (max.)
(initial)
Reset voltage,
V DC (max.)
(initial)
Nominal
operating current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
mW
Max. allowable
voltage, V DC
Standard PC
board terminal
Set coil
Reset
coil
Set coil
Reset
coil
Set coil
Reset
coil
ASX2201H
1.5
1.2
1.2
46.7
46.7
32.1
32.1
70
70
2.25
ASX22003
3
2.4
2.4
23.3
23.3
129
129
70
70
4.5
ASX2204H
4.5
3.6
3.6
15.6
15.6
289
289
70
70
6.75
ASX22006
6
4.8
4.8
11.7
11.7
514
514
70
70
9
ASX22009
9
7.2
7.2
7.8
7.8
1,157
1,157
70
70
13.5
ASX22012
12
9.6
9.6
5.8
5.8
2,057
2,057
70
70
18
ASX22024
24
19.2
19.2
6.3
6.3
3,840
3,840
150
150
36



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com