Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F166 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F166
Description  8-bit bidirectional universal shift register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F166 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F166 Datasheet HTML 1Page - NXP Semiconductors 74F166 Datasheet HTML 2Page - NXP Semiconductors 74F166 Datasheet HTML 3Page - NXP Semiconductors 74F166 Datasheet HTML 4Page - NXP Semiconductors 74F166 Datasheet HTML 5Page - NXP Semiconductors 74F166 Datasheet HTML 6Page - NXP Semiconductors 74F166 Datasheet HTML 7Page - NXP Semiconductors 74F166 Datasheet HTML 8Page - NXP Semiconductors 74F166 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F166
8-bit bidirectional universal shift register
2
Feb. 14, 1991
853–0349 01718
FEATURES
• High impedance NPN base inputs for reduced loading
(20
µA in high and low states)
• Synchronous parallel to serial applications
• Synchronous serial data input for easy expansion
• Clock enable for ”do nothing” mode
• Asynchronous master reset
• Expandable to 16 bits in 8–bit increments
• Industrial temperature range available (–40
°C to +85°C)
DESCRIPTION
The 74F166 is a high speed 8–bit shift register that has fully
synchronous serial parallel data entry selected by an active
low parallel enable (PE) input. When the PE is low one setup
time before the low–to–high clock transition, parallel data is
entered into the register.
When PE is high, data is entered into internal bit position Q0
from serial data input (Ds), and the remaining bits are shifted
one place to the right (Q0
→ Q1 → Q2, etc.) with each
positive going clock transition.
For expansion of the register in parallel to serial converters,
the Q7 output is connected to the Ds input of the succeeding
stage. The clock input is gated OR structure which allows
one input to be used as an active–low clock enable (CE)
input. The pin assignment for the CP and CE inputs is
arbitrary and can be reversed for layout convenience. The
low–to–high transition of CE input should only take place
while the CP is high for predictable operation. A low on the
master reset (MR) input overrides all other inputs and clears
the register asynchronously, forcing all bit positions to a low
state.
TYPE
TYPICAL fmax
TYPICAL SUPPLY CUR-
RENT( TOTAL)
74F166
175MHz
50mA
ORDERING INFORMATION
ORDER CODE
COMMERCIAL RANGE
INDUSTRIAL RANGE
DESCRIPTION
VCC = 5V ±10%,
VCC = 5V ±10%,
PKG DWG #
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
16–pin plastic DIP
N74F166N
I74F166N
SOT38-4
16–pin plastic SO
N74F166D
I74F166D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/
LOW
LOAD VALUE HIGH/
LOW
D0 – D7
Parallel data inputs
1.0/0.033
20
µA/20µA
Ds
Serial data input (shift right)
2.0/0.066
40
µA/40µA
CP
Clock input (active rising edge)
1.0/0.033
20
µA/20µA
CE
Clock enable input (active low)
1.0/0.033
20
µA/20µA
PE
Parallel enable input (active low)
1.0/0.033
20
µA/20µA
MR
Master reset input (active low)
2.0/0.066
40
µA/40µA
Q7
Data output
50/33
1.0mA/20mA
Note to input and output loading and fan out table
1. One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com