Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F174 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F174
Description  Hex D flip-flops
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F174 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F174 Datasheet HTML 1Page - NXP Semiconductors 74F174 Datasheet HTML 2Page - NXP Semiconductors 74F174 Datasheet HTML 3Page - NXP Semiconductors 74F174 Datasheet HTML 4Page - NXP Semiconductors 74F174 Datasheet HTML 5Page - NXP Semiconductors 74F174 Datasheet HTML 6Page - NXP Semiconductors 74F174 Datasheet HTML 7Page - NXP Semiconductors 74F174 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F174
Hex D flip-flop
2
October 7, 1988
853–0060 94766
FEATURES
• Six edge-triggered D-type flip-flops
• Buffered common Clock
• Buffered, asynchronous Master Reset
DESCRIPTION
The 74F174 has six edge-triggered D-type flip-flops with individual D
inputs and Q outputs. The common buffered Clock (CP) and Master
Reset (MR) inputs load and reset (clear) all flip-flops simultaneously.
The register is fully edge-triggered. The state of each D input, one
setup time before the Low-to-High clock transition is transferred to
the corresponding flip-flop’s Q output.
All Q outputs will be forced Low independent of Clock or Data inputs
by a Low voltage level on the MR input. The device is useful for
applications where true outputs only are required, and the Clock and
Master Reset are common to all storage elements.
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F174
100MHz
35mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Q2
VCC
Q4
D3
Q3
D4
Q5
D5
MR
Q0
D2
D0
D1
Q1
9
8
GND
CP
SF00188
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F174N
SOT38-4
16-pin plastic SO
N74F174D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
D0–D5
Data inputs
1.0/1.0
20
µA/0.6mA
CP
Clock Pulse input (active rising edge)
1.0/1.0
20
µA/0.6mA
MR
Master Reset input (active-Low)
1.0/1.0
20
µA/0.6mA
Q0–Q5
Outputs
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
Q2
Q3
Q4
Q5
710
12
15
34
6
VCC = Pin 16
GND = Pin 8
SF00189
Q1
5
Q0
2
9
1
CP
MR
D0
D1
D2
D3
D4
D5
11
13
14
IEC/IEEE SYMBOL
SF00190
3
1D
9
C1
1
R
4
6
11
13
14
2
5
7
10
12
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com