Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N74F161AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # N74F161AD
Description  4-bit binary counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F161AD Datasheet(HTML) 2 Page - NXP Semiconductors

  N74F161AD Datasheet HTML 1Page - NXP Semiconductors N74F161AD Datasheet HTML 2Page - NXP Semiconductors N74F161AD Datasheet HTML 3Page - NXP Semiconductors N74F161AD Datasheet HTML 4Page - NXP Semiconductors N74F161AD Datasheet HTML 5Page - NXP Semiconductors N74F161AD Datasheet HTML 6Page - NXP Semiconductors N74F161AD Datasheet HTML 7Page - NXP Semiconductors N74F161AD Datasheet HTML 8Page - NXP Semiconductors N74F161AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74F161A, 74F163A
4-bit binary counters
2
1996 Jan 29
853–0347 16300
FEATURES
• Synchronous counting and loading
• Two count enable inputs for n-bit cascading
• Positive edge-triggered clock
• Asynchronous Master Reset (74F161A)
• Synchronous Reset (74F163A)
• High speed synchronous expansion
• Typical count rate of 130MHz
• Industrial range (–40°C to +85°C) available
DESCRIPTION
4-bit binary counters feature an internal carry look-ahead and can be
used for high-speed counting. Synchronous operation is provided by
having all flip-flops clocked simultaneously on the positive-going
edge of the clock. The clock input is buffered.
The outputs of the counters may be preset to High or Low level. A
Low level at the Parallel Enable (PE) input disables the counting
action and causes the data at the D0–D3 inputs to be loaded into
the counter on the positive-going edge of the clock (provided that
the setup and hold requirements for PE are met). Preset takes place
regardless of the levels at Count Enable (CEP, CET) inputs.
A Low level at the Master Reset (MR) input sets all the four outputs
of the flip-flops (Q0 – Q3) in 74F161A to Low levels, regardless of
the levels at CP, PE, CET and CEP inputs (thus providing an
asynchronous clear function). For the 74F163A, the clear function is
synchronous. A Low level at the Synchronous Reset (SR) input sets
all four outputs of the flip-flops (Q0 – Q3) to Low levels after the next
positive-going transition on the clock (CP) input (provided that the
setup and hold time requirements for SR are met). This action
occurs regardless of the levels at PE, CET, and CEP inputs. The
synchronous reset feature enables the designer to modify the
maximum count with only one external NAND gate (see Figure 1).
The carry look-ahead simplifies serial cascading of the counters.
Both Count Enable (CEP and CET) inputs must be High to count.
The CET input is fed forward to enable the TC output. The TC
output thus enabled will produce a High output pulse of a duration
approximately equal to the High level output of Q0. This pulse can
be used to enable the next cascaded stage (see Figure 2). The TC
output is subjected to decoding spikes due to internal race
conditions. Therefore, it is not recommended for use as clock or
asynchronous reset for flip-flops, registers, or counters.
TYPE
TYPICAL
fMAX
TYPICAL SUPPLY CURRENT
(TOTAL)
74F161A
74F163A
130MHz
46mA
ORDERING INFORMATION
ORDER CODE
DRAWING
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%, Tamb = –40°C to +85°C
DRAWING
NUMBER
16-pin plastic DIP
N74F161AN, N74F163AN
I74F161AN, I74F163AN
SOT38-4
16-pin plastic SO
N74F161AD, N74F163AD
I74F161AD, I74F163AD
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
D0 – D3
Data inputs
1.0/1.0
20
µA/0.6mA
CEP
Count Enable Parallel input
1.0/1.0
20
µA/0.6mA
CET
Count Enable Trickle input
1.0/2.0
20
µA/1.2mA
CP
Clock input (active rising edge)
1.0/1.0
20
µA/0.6mA
PE
Parallel Enable input (active Low)
1.0/2.0
20
µA/1.2mA
MR
Asynchronous Master Reset input
(active Low) for 74F161A
1.0/1.0
20
µA/0.6mA
SR
Synchronous Reset input
(active Low) for 74F163A
1.0/1.0
20
µA/0.6mA
TC
Terminal count output
50/33
1.0mA/20mA
Q0 – Q3
Flip-flop outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com