Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D2012
Description  Si NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D2012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
YOUDA TRANSISTOR
D2012
Si NPN TRANSISTOR—D2012
DESCRIPTION AND FEATURES
*Collector-Emitter voltage: BVCBO= 60V
*Collector current up to 3A
*High hFE linearity
PIN CONFIGURATIONS
PIN
SYMBOL
1
Emitter
2
Collector
3
Base
ABSOLUTE MAXIMUM RATINGS
(Tamb=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
BVCBO
60
V
Collector-Emitter Voltage
BVCEO
50
V
Emitter-Base Voltage
BVEBO
7
V
Tcase=25℃
30
W
Collector Dissipation
Tamb=25℃
PCM
1.5
W
DC
ICM
3
A
Collector Current
Pulse
Icp
7
A
Base Current
IB
0.6
A
Junction Temperature
Tj
+150
℃
Storage Temperature
Tstg
-55~+150
℃
ELECTRICAL CHARACTERISTICS
(Tamb=25℃,all voltage referenced to GND Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-Off Current
ICBO
VcB=50V, IE=0
100
nA
Emitter Cut-Off Current
IEBO
VEB=5V, IC=0
100
nA
hFE1
VcE=5V, IC=20mA
30
200
DC Current Gain
hFE2
VcE=5V, IC=0.5A
100
400
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=3A, IB=0.3A
0.3
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=2A, IB=0.2A
1.0
2.0
V
Current Gain Bandwidth Product
fT
VcE=5V, IC=0.1A
5
MHz
Output Capacitance
Cob
VcB=10V,
IE=0,f=1MHz
80
pF
CLASSIFICATION OF hFE
RANK
Q
P
E
RANGE
100~200
160~320
200~400
WuXi YouDa Electronics Co., Ltd
Add:
No.5 Xijin Road, National Hi-Tech Industrial Development Zone, Wuxi Jiangsu China
Tel:
86-510-5205117
86-510-5205108
Fax:
86-510-5205110
Website: www.e-youda.com
SHENZHEN OFFICE
Tel: 86-755-83740369
13823533350
Fax: 86-755-83741418
Ver
3.1
1 of 1
2004-9-20


Similar Part No. - D2012

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
D2012 TOSHIBA-D2012 Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
logo
Seme LAB
D2012UK SEME-LAB-D2012UK Datasheet
53Kb / 4P
METAL GATE RF SILICON FET
More results

Similar Description - D2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC947 ETC-2SC947 Datasheet
43Kb / 1P
Si NPN Planar
2SC1686 ETC-2SC1686 Datasheet
37Kb / 1P
Si NPN Planar
2SC1779 ETC-2SC1779 Datasheet
43Kb / 1P
Si NPN Planar
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
logo
AUK corp
TBN4226 AUK-TBN4226 Datasheet
259Kb / 6P
Si NPN Transistor
TBN6501U AUK-TBN6501U Datasheet
197Kb / 4P
Si NPN Transistor
TBN6301 AUK-TBN6301 Datasheet
213Kb / 6P
Si NPN Transistor
TBN6301S AUK-TBN6301S Datasheet
213Kb / 5P
Si NPN Transistor
TBN4227 AUK-TBN4227 Datasheet
259Kb / 6P
Si NPN Transistor
TBN4228 AUK-TBN4228 Datasheet
258Kb / 6P
Si NPN Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com