Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F175AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F175AD
Description  Quad D flip-flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F175AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74F175AD Datasheet HTML 1Page - NXP Semiconductors 74F175AD Datasheet HTML 2Page - NXP Semiconductors 74F175AD Datasheet HTML 3Page - NXP Semiconductors 74F175AD Datasheet HTML 4Page - NXP Semiconductors 74F175AD Datasheet HTML 5Page - NXP Semiconductors 74F175AD Datasheet HTML 6Page - NXP Semiconductors 74F175AD Datasheet HTML 7Page - NXP Semiconductors 74F175AD Datasheet HTML 8Page - NXP Semiconductors 74F175AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F175A
Quad D flip-flop
1996 Mar 12
3
LOGIC SYMBOL
VCC = Pin 16
GND = Pin 8
SF00719
4
5
12 13
D0 D1 D2 D3
CP
MR
9
1
2
3
7
6
10
11 15
14
Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3
IEC/IEEE SYMBOL
R
C1
1D
SF00720
1
9
4
5
12
13
2
3
7
6
10
11
15
14
LOGIC DIAGRAM
DQ
RD
VCC = Pin 16
GND = Pin 8
CP
D0
4
DQ
RD
CP
D1
5
DQ
RD
CP
D2
12
DQ
RD
CP
D3
13
Q
SF00721
CP
MR
9
1
32
6
11
10
14
15
7
Q0Q0
Q1Q1
Q2Q2
Q3Q3
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
MR
CP
Dn
Qn
Qn
MODE
L
X
X
L
H
Reset (clear)
H
↑
h
H
L
Load “1”
H
↑
I
L
H
Load “0”
H = High voltage level
h
= High state must be present one setup time before the
Low-to-High clock transition
L
= Low voltage level
l
= Low state must be present one setup time before the
Low-to-High clock transition
X = Don’t care
↑ = Low-to-High clock transition
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
T
b
Operating free air temperature range
Commercial range
0 to +70
°C
Tamb
O erating free air tem erature range
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com