Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH64CD Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH64CD
Description  Wide-Band, Low-Power Operational Amplifiers with Standby
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH64CD Datasheet(HTML) 3 Page - STMicroelectronics

  TSH64CD Datasheet HTML 1Page - STMicroelectronics TSH64CD Datasheet HTML 2Page - STMicroelectronics TSH64CD Datasheet HTML 3Page - STMicroelectronics TSH64CD Datasheet HTML 4Page - STMicroelectronics TSH64CD Datasheet HTML 5Page - STMicroelectronics TSH64CD Datasheet HTML 6Page - STMicroelectronics TSH64CD Datasheet HTML 7Page - STMicroelectronics TSH64CD Datasheet HTML 8Page - STMicroelectronics TSH64CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TSH60,61,62,63,64
Absolute Maximum Ratings and Operating Conditions
3/13
2
Absolute Maximum Ratings and Operating
Conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (1)
1.
All voltages values, except differential voltage are with respect to network ground terminal
14
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting terminal
±2V
Vi
Input Voltage (3)
3.
The magnitude of input and output must never exceed VCC +0.3V
±6V
Toper
Operating Free Air Temperature Range
0 to +70
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal Resistance Junction to Case (4)
SO8
SO14
4.
Short-circuits can cause excessive heating
28
22
°C/W
Rthja
Thermal Resistance Junction to Ambiant Area
SO8
SO14
157
125
°C/W
ESD
HumanBodyModel
2
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 12
V
VIC
Common Mode Input Voltage Range
VCC
- to (V
CC
+ -1.1)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com