Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C16835JM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P4C16835JM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C16835JM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P4C16835JM Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C16835JM Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C16835JM Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C16835JM Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C16835JM Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C16835JM Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C16835JM Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C16835JM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
35
P4C168, P4C169, P4C170
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym.
t
RC
t
AA
Parameter
Read Cycle Time
Address Access Time
–12
–15
–20
–25
Min Max Min Max Min Max Min Max Min Max
–35
Unit
12
12
15
15
20
25
35
ns
ns
20
25
35
Chip Enable Access Time
t
AC
§
12
15
20
25
35
ns
Chip Select Access Time
t
AC
‡
8
9
12
15
20
ns
t
OH
Output Hold from Address Change
2
2
2
2
2ns
Chip Enable to Output in Low Z
t
LZ
‡
2
22
2
2
ns
Chip Disable to Output in High Z
t
HZ
†
6
79
10
15
ns
Output Enable to Data Valid
t
OE
†
812
10
15
15
ns
Output Enable to Output in Low Z
t
OLZ
†
00
0
00
ns
Output Disable to Output in High Z
t
OHZ
†
6
79
11
15
ns
Read Command Setup Time
t
RCS
00
0
00
ns
Read Command Hold Time
t
RCH
0
0
0
00
ns
Chip Enable to Power Up Time
t
PU
§
0
0
00
0
ns
Chip Disable to Power Down Time
t
PD
§
12
15
20
25
35
ns
§ P4C168 only
† P4C170 only
‡ Chip Select/Deselect for P4C169 and P4C170
TIMING WAVEFORM OF READ CYCLE NO. 1 (ADDRESS CONTROLLED)(5,6)
t
ADDRESS
DATA OUT
AA
t
tOH
DATA VALID
PREVIOUS DATA VALID
(9)
RC
Notes:
5.
WE is HIGH for READ cycle.
6.
CE/CS and OE are LOW for READ cycle.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com