Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3838Q Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SC3838Q
Description  High-Frequency Amplifier Transistor NPN Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC3838Q Datasheet(HTML) 2 Page - Weitron Technology

  2SC3838Q Datasheet HTML 1Page - Weitron Technology 2SC3838Q Datasheet HTML 2Page - Weitron Technology 2SC3838Q Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transition Frequency
P
V
DC Current Gain
hFE
Cob
T
rbb'Cc
NF
V
GHz
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
-
-
-
-
-
-
-
-
-
2SC3838Q
WEITRON
http://www.weitron.com.tw
(I = 5 mAdc,V = 10 Vdc)
(I =10 mA, I =5 mA)
120
1.4
270
3.2
0.8
4
3.5
g
12
dB
0.5
1.5
TYP
Output Capacitance
Collector-Emitter Saturation Voltage
Collector-Base Time Constant
Noise Factor
(I = 10 mAdc,V
=10 Vdc, f=500MHz)
C
C
C
CE(sat)
B
CB
(I = 10 mAdc,V
=10 Vdc, f=31.8MHz)
C
CB
(I = 2 mAdc,V
=10 Vdc, f=500MHz, R =50
Ω)
C
CE
CE
(I = 0 Adc,V
=10 Vdc, f=1MHz)
E
CB
f
F
Ps



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com