Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2AF Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # ES2AF
Description  SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES2AF Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  ES2AF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES2AF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES2AF THRU ES2JF
Features
· The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
· Idea for printed circuit board
· Glass passivated Junction chip
· Low reverse leakage
· High forward surge current capability
· High temperature soldering guaranteed
250℃/10 sec at terminals
Maximum Ratings And Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate current by 20%)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Operating and storage temperature range
V
Symbols
Units
A
℃
A
Maximum DC reverse current
at rated DC blocking voltage
V
TA=25℃
TA=125℃
Items
Mechanical Data
· Case : SMAF Molded plastic body
· Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
· Polarity : Polarity symbol marking on body
Mounting Position : Any
· Weight : 0.0014 ounce, 0.038 grams
VRRM
μA
Dimensions in inches and (millimeters)
0.95
1.25
1.7
-55 to +150
SUPERFAST RECOVERY RECTIFIER
CURRENT 2.0 A
VOLTAGE 50 to 600 V
VRMS
IF(AV)
TJ , TSTG
50
35
50
Average rectified output current at TL=100℃
Maximum DC blocking voltage
IFSM
2.0
50
V
pF
ns
Forward voltage @ IF=2.0A
IR
CJ
500
35
5.0
Peak forward surge current : 8.3ms
single half sine-wave superimposed on rated load
(JEDEC method)
VDC
100
70
100
200
140
200
400
280
400
600
420
600
V
VF
TRR
Typical junction capactiance (Note 2)
55
ES2AF ES2BF
150
105
150
ES2CF
300
210
300
ES2FF
ES2DF
ES2GF ES2JF
Typical thermal resistance
Maximum reverse recovery time (Note 1)
RθJA
70
℃/W
Notes:
(1) Reverse recovery time test condition : IF=0.5A, IR=1.0A, IRR=0.25A
(2) Measured at 1MHz and applied reverse voltage of 4.0V DC
SMAF
0.002(0.05)
0.011(0.30)
0.035(0.90)
0.051(1.30)
0.130(3.30)
0.146(3.70)
0.091(2.30)
0.106(2.70)
0.047(1.20)
0.063(1.60)
0.019(0.50) MIN.
0.169(4.30)
0.193(4.90)
https://dec.co.kr
DAESAN ELECTRONIC CORP.


Similar Part No. - ES2AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2AF ETC2-ES2AF Datasheet
953Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ES2AF CHENDA-ES2AF Datasheet
1Mb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AF YFWDIODE-ES2AF Datasheet
137Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Jinan Jing Heng Electro...
ES2AF JINGHENG-ES2AF Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AF YFWDIODE-ES2AF Datasheet
427Kb / 3P
Surface Mount Superfast Recovery Rectifier
More results

Similar Description - ES2AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1600CT PANJIT-ER1600CT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF801F PACELEADER-SF801F Datasheet
585Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001CT PACELEADER-SF1001CT Datasheet
583Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001FCT PACELEADER-SF1001FCT Datasheet
581Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1601CT PACELEADER-SF1601CT Datasheet
730Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Continental Device Indi...
MUR420 CDIL-MUR420 Datasheet
193Kb / 5P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF2001CT PACELEADER-SF2001CT Datasheet
208Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SF51 KOOCHIN-SF51 Datasheet
306Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
SF3X HORNBY-SF3X Datasheet
255Kb / 3P
SUPERFAST RECOVERY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
ES3A DAESAN-ES3A_V01 Datasheet
576Kb / 2P
SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com