Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8111RDK-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PEX8111RDK-R
Description  PCI Express to PCI Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PEX8111RDK-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PEX8111RDK-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PEX8111RDK-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI Express to PCI Bridge
.
Features
General Features
o Forward and Reverse bridging
o Tiny 161 ball BGA package
(10mm x 10mm)
o Low power – 0.3 Watts maximum
o EEPROM configuration option with
SPI
o Internal 8Kbyte shared RAM
o 1.5 V core supply voltage
o JTAG
o Four (4) GPIO pins for maximum
design and application flexibility
o Extensive PME support including
D0 and D0Active, D1, D2 and D3Hot
and D3Cold
Integrated PCI Express Interface
o PCI Express Base specification 1.0a
compliant
o x1 Link, full-duplex, 2.5 Gbps
o One virtual channel
o Automatic LVDS polarity reversal
o 128 byte maximum payload size
o Link CRC
o Link power management
o Flow control buffering
o PCI Express transaction queues for
eight (8) outstanding TLPs
PCI Interface
o PCI 3.0: 32 bits at 33 MHz
o PCI Power Management 1.1
o Internal arbiter supports up to 4
external masters; provides
REQ#/GNT# signals
o 3.3V I/O and 5V tolerant PCI
o Message Signal Interrupt (MSI)
support
o Provides PCI clock output
o Four mailbox registers for messaging
o ISA Enable and VGA Enable
registers for legacy operation
Reversible Bridge in a Tiny Package
The PLX Technology PEX 8111 bridge enables designers to migrate legacy PCI bus
interfaces to the new advanced serial PCI Express. This is ideal when including
existing PCI ICs on a PCI Express™ Adapter Board, such as the new ExpressCard™
standard. This simple bridge can also reside on either end of a PCI Express cable to
connect remote functions running the PCI protocol. The PEX 8111 supports
forward and reverse bridging. The tiny 10 mm x 10mm Plastic BGA package
makes the PEX 8111 bridge ideal for use in applications where board real estate is at
a premium. With its low power 0.15 micron CMOS design, the PEX 8111 consumes
a maximum power of only 300 mW.
Forward and Reverse Bridging
Compliant to the PCI Express-to-PCI/PCI-X Bridge Specification 1.0, the PEX 8111
is capable of operating in either forward or reverse bridging modes. In forward
mode, the bridge allows legacy PCI chips and adapters to be used with new PCI
Express processor systems. Reverse bridge operation allows conventional PCI
processors and chipsets to configure and control advanced PCI Express switches and
endpoints. The reverse PEX 8111 not only allows complete configuration of a
downstream PCI Express system from the PCI bus, but it also handles limited
PCI Express root functions for reverse interrupt and Power Management Events.
Block Diagram
The PEX 8111 is equipped with a
standard PCI Express port that operates
as a single, x1 link with a maximum of
250 Megabytes per second of throughput
per transmit and receive direction. With a
single 2.5 Gbps integrated SerDes, the
standard PCI Express signaling delivers
the highest bandwidth with the lowest
possible pin count using LVDS
technology.
The PEX 8111 has a single parallel bus
segment supporting the PCI v 3.0
protocol. With a 32-bit wide parallel data
path running at 33MHz, the PCI
bandwidth is 132 Megabytes per second.
While the PCI Express link
accommodates the full PCI bus
bandwidth, the device also supports
internal queues with flow control features
to optimize throughput and traffic flow.
Figure 1. PEX 8111 Block Diagram
PEX 8111
Version 1.0 2004
j
PCI Bus (32 Bit, 33 MHz)
PCI Express Link (1 lane, 1 Virtual Channel, 2.5 GHz)
PCI Master and Target Interface Logic
PCI Express Data Link Layer
PCI Express PHY Layer
PCI Express Transaction Layer
(Packet Construction Logic)
FIFOs
8K Shared
RAM
Configuration
Registers


Similar Part No. - PEX8111RDK-R

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8111RDK-R PLX-PEX8111RDK-R Datasheet
122Kb / 2P
PCI Express to PCI Bridge
More results

Similar Description - PEX8111RDK-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
PCI Express to PCI Bus Translation Bridge
logo
Pericom Semiconductor C...
PI7C9X130 PERICOM-PI7C9X130 Datasheet
1Mb / 157P
PCI Express to PCI-X Reversible Bridge
logo
PLX Technology
PEX8112 PLX-PEX8112 Datasheet
112Kb / 2P
ExpressLane??PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
PCI Express-to-PCI Reversible Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
ExpressLane??PCI Express to PCI Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com