Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAB0740-R13M Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSAB0740-R13M
Description  Molding Power Choke
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSAB0740-R13M Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSAB0740-R13M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0740-R13M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0740-R13M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0740-R13M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0740-R13M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0740-R13M Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0740-R13M Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0740-R13M Datasheet HTML 8Page - Shenzhen Codaca Electronic Co.,Ltd CSAB0740-R13M Datasheet HTML 9Page - Shenzhen Codaca Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 / 13
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Choke
CSAB0740 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ Magnetic shielded structure:excellent resistance to electro
Magnetic interference (EMI)
▪ A composite structure,ultra low buzz noise
▪ Low loss,high efficiency,wide application frequency
▪ Lightweight design,save space,suitable for high density SMT
Features:
▪ Core material: Alloy powder
▪ Core and winding loss:
See https://www.codaca.com/DesignTool_Power-Inductor-Loss-
Comparison.html
▪ Enviromental: RoHS, Reach compliant ,Halogen free
▪ Weight:0.93g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at 5
~40℃, RH≤ 70% relative humidity).
▪ Operating temperature range: -40℃~+125℃
(including coil
’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃
Application:
▪ PDA/notebook/desktop/server applications
▪ DC /DC converters for entertainment/navigations systems
▪ Noise suppresion for motors:windshield wipers/power seats/Power
Mirrors/heating and ventilation blower/ HID lighting
1 Electrical Characteristics
2 Product Dimensions (mm)
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
3.8±0.2
0.15Max.
7.25±0.25
6.6±0.2
6.6±0.2
3.0±0.5
3.6
2.0
1.6±0.2
1
2
(4.0)
(5.85)
(2.55)
(6.8)
(6.8)
±20%
Typical
Max.
Typical
Typical
CSAB0740-R13M
0.13
0.60
0.80
50.0
35.0
CSAB0740-R15M
0.15
0.65
0.80
50.0
34.0
CSAB0740-R22M
0.22
2.05
2.50
35.0
28.0
CSAB0740-R36M
0.36
2.50
3.10
25.0
21.5
CSAB0740-R47M
0.47
3.25
3.60
21.0
19.0
CSAB0740-R68M
0.68
4.10
4.80
21.0
17.0
CSAB0740-1R0M
1.00
5.50
6.60
18.5
14.6
CSAB0740-1R5M
1.50
7.70
9.50
12.5
12.4
CSAB0740-1R8M
1.80
9.20
11.2
13.0
11.4
CSAB0740-2R2M
2.20
11.0
15.0
11.0
10.4
CSAB0740-3R3M
3.30
16.6
20.0
9.50
8.40
CSAB0740-4R7M
4.70
27.3
30.0
9.00
6.50
CSAB0740-5R6M
5.60
36.5
38.0
7.00
5.70
CSAB0740-6R8M
6.80
40.6
50.0
6.00
5.40
CSAB0740-8R2M
8.20
47.5
55.0
6.00
5.00
CSAB0740-100M
10.0
51.5
65.0
6.00
4.80
CSAB0740-150M
15.0
86.3
95.0
4.50
3.70
CSAB0740-220M
22.0
107
125
4.00
3.30
CSAB0740-330M
33.0
199
220
3.00
2.40
CSAB0740-390M
39.0
244
280
2.80
2.20
CSAB0740-470M
47.0
256
298
2.50
2.10
All data is tested on 25
℃ ambient temperature
1.Inductance measure condition at 100kHz,1.0V
2.Isat:the actual value of DC current when the inductance decrease 30% of its initial value
3.Irms:the actual value of DC current when the temperature rise is
ΔT40℃(Ta=25℃)
3 How to Order:
CSAB0740-470M
Model
Dimensions
Value Code
Typical Land Pattern


Similar Part No. - CSAB0740-R13M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSAB0718 CODACA-CSAB0718 Datasheet
899Kb / 10P
Molding Power Choke
07/14/2020
CSAB0718-1R0M CODACA-CSAB0718-1R0M Datasheet
899Kb / 10P
Molding Power Choke
07/14/2020
CSAB0718-1R5M CODACA-CSAB0718-1R5M Datasheet
899Kb / 10P
Molding Power Choke
07/14/2020
CSAB0718-2R2M CODACA-CSAB0718-2R2M Datasheet
899Kb / 10P
Molding Power Choke
07/14/2020
CSAB0718-4R7M CODACA-CSAB0718-4R7M Datasheet
899Kb / 10P
Molding Power Choke
07/14/2020
More results

Similar Description - CSAB0740-R13M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHSC ETC2-MHSC Datasheet
335Kb / 6P
Molding Power Choke
logo
Shenzhen Codaca Electro...
VSEB0530H CODACA-VSEB0530H Datasheet
746Kb / 5P
Molding Power Choke
07/14/2020
VSEB0730H CODACA-VSEB0730H Datasheet
752Kb / 5P
Molding Power Choke
07/14/2020
CSAB0750 CODACA-CSAB0750 Datasheet
975Kb / 10P
Molding Power Choke
07/14/2020
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB107050 CODACA-CSAB107050 Datasheet
707Kb / 5P
Molding Power Choke
07/14/2020
CSAB1265A CODACA-CSAB1265A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAC0530 CODACA-CSAC0530 Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com