Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6732TR
Description  Adjustable step-down controller with synchronous rectification
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6732TR Datasheet HTML 9Page - STMicroelectronics L6732TR Datasheet HTML 10Page - STMicroelectronics L6732TR Datasheet HTML 11Page - STMicroelectronics L6732TR Datasheet HTML 12Page - STMicroelectronics L6732TR Datasheet HTML 13Page - STMicroelectronics L6732TR Datasheet HTML 14Page - STMicroelectronics L6732TR Datasheet HTML 15Page - STMicroelectronics L6732TR Datasheet HTML 16Page - STMicroelectronics L6732TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
L6732
Device description
13/33
5.5
Error amplifier
5.6
Soft start
When both VCC and VIN are above their turn-ON thresholds (VIN is monitored by the OCH pin)
the start-up phase takes place. Otherwise the SS pin is internally shorted to GND. At start-up, a
ramp is generated charging the external capacitor CSS with an internal current generator. The
initial value for this current is 35µA and charges the capacitor up to 0.5V. After that it becomes
10µA until the final charge value of approximately 4V (see Figure 6.). The output of the error
amplifier is clamped with this voltage (VSS) until it reaches the programmed value. No switching
activity is observable if VSS is lower than 0.5V and both MOSFETs are OFF. When VSS is
between 0.5V and 1.1V the low-side MOSFET is turned on because the comp signal is lower
than the valley of the triangular wave and so the duty-cycle is 0%. As VSS reaches 1.1V (i.e. the
oscillator triangular wave inferior limit) even the high-side MOSFET begins to switch and the
output voltage starts to increase. The L6732 can only source current during the soft-start phase
in order to manage the prebias start-up applications. This means that when the start-up occurs
with output voltage greater than 0V (pre-bias startup), even when Vss is between 0.5V and
1.1V the low-side MOSFET is kept OFF (see Figure 7. and Figure 8.).
Figure 5.
Error Amplifier Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com