Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB080809 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # AB080809
Description  Enclosure, ABS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

AB080809 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  AB080809 Datasheet HTML 1Page - FIBOX Enclosing innovations AB080809 Datasheet HTML 2Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AB 080809
Sample image
Order symbol : AB 080809
Product nr : 7083550
Description : Enclosure, ABS
Remarks : Grey cover
EAN : 6418074058744
El. number :
• Finland : 3435460
• Denmark : 8212003279
• Sweden : 7083550
Including : Base with screws for mounting plate/DIN-rail. cover with PUR gasket
and stainless steel cover screws.
Dimensions :
Height
Width
Depth
mm :
80
82
85
inch :
3.15
3.23
3.35
Materials :
Material :
ABS
Base colour :
RAL 7035 -light grey
Cover colour :
RAL 7035 -light grey
Accessories :
TF 28037
Wall fastening lug (4 pcs), for enclosures:
TM 0808
Mounting plate, for enclosures:
(56 x 71 x 1)
TH A
Grey plastic hinges (2 pcs)
TRM 0808
DIN-15 Mounting rail, for enclosures:
(68 x 15 x 1)
Rating :


Similar Part No. - AB080809

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
AB080806 FIBOX-AB080806 Datasheet
72Kb / 2P
Enclosure, ABS
12.01.2023
AB080807 FIBOX-AB080807 Datasheet
72Kb / 2P
Enclosure, ABS
12.01.2023
More results

Similar Description - AB080809

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
6081301 FIBOX-6081301 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081302 FIBOX-6081302 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081320 FIBOX-6081320 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081916 FIBOX-6081916 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081922 FIBOX-6081922 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081931 FIBOX-6081931 Datasheet
466Kb / 2P
Enclosure, ABS
19.01.2023
6082303 FIBOX-6082303 Datasheet
46Kb / 2P
Enclosure, ABS
09.01.2023
6082307 FIBOX-6082307 Datasheet
426Kb / 2P
Enclosure, ABS
09.01.2023
6082901 FIBOX-6082901 Datasheet
69Kb / 2P
Enclosure, ABS
09.01.2023
6082908 FIBOX-6082908 Datasheet
47Kb / 2P
Enclosure, ABS
09.01.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com