Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC441V2RTLFS Datasheet(PDF) 1 Page - C&K Components

Part # KSC441V2RTLFS
Description  Side Actuated Sealed Tact Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC441V2RTLFS Datasheet(HTML) 1 Page - C&K Components

  KSC441V2RTLFS Datasheet HTML 1Page - C&K Components KSC441V2RTLFS Datasheet HTML 2Page - C&K Components KSC441V2RTLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
B–90
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
24 Nov 20
KSC V2 Series
Side Actuated Sealed Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Full SMD side actuated
• Haptic adaptability
• Pin in paste terminations
• Tape & reel
• IP67
Mechanical
NOTE: Other configurations of haptics are available upon
demand
MISUSE OVERLOAD: 40N with back support
SHEAR FORCE: 10N without back support
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS:
2 pin in paste signal terminals
3 SMD ground terminals
Typical Applications
• Automotive
• Industrial electronics
• Network equipment
• Telecommunications
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
0.1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.):
≥ 250 Vrms
CONTACT RESISTANCE: ≤ 100 mΩ
INSULATION RESISTANCE (100 V, initial stage): > 109 Ω
BOUNCE TIME: < 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Depending on the application, this component is
suited to the following methods:
– Cleaning according to typical washing processes.
– Lead free reflow soldering process in accordance with IEC 61760-1.
TERMINALS: pin in paste, silver or gold plated
TOP PLATE: tin plated
MSL level: 1
Vacuum pick head mandatory
Packaging
In reels of 800 pieces.
Dimensions of reels according to EIA RS481 or IEC 2863.
External diameter 380 mm ± 2 mm.
NOTE: This product is designed and manufactured for general electronic devices.
For systems where reliability and safety are required, please contact your
sales representative to secure product integration and function to secure usage.
Actuator
2 short, soft*
4 long, soft
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Operating Force**
0 1.6 N (160 grams)
2 2 N (200 grams)
4 3.5 N (350 grams)
K
S
C
V
2
Contact Material
1 Silver
3 Gold
Actuator / Tactile
None for KSC2 Standard
70SH for KSC4 Silicon 70SH
70SH SP DELTA for KSC4 Silicon 70SH with improved tactile
RT for KSC4 Hard rubber
L
F
S
* KSC2 version available upon demand
** Force available upon demand (variant version)
Type
Force
(N)
Operating Life
(operations)
Travel
(mm)
KSC201 V2 LFS
1.6 ± 0.6
1,000,000
0.3 ± 0.2
KSC421 V2 70SH LFS
1.55 ± 0.45
300,000
0.45 ± 0.25
KSC441V2 70SH SP DELTA LFS
3.5 ± 1.0
300,000
0.7 ± 0.2
KSC443V2 70SH SP DELTA LFG
3.5 ± 1.0
300,000
0.7 ± 0.2
KSC421 V2 RT LFS
1.8 ± 0.5
300,000
0.3 ± 0.2
KSC423 V2 RT LFG
1.8 ± 0.5
300,000
0.3 ± 0.2
KSC441 V2 RT LFS
3.4 ± 1.0
300,000
0.35 ± 0.2


Similar Part No. - KSC441V2RTLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC441V2SPDLFS CK-COMPONENTS-KSC441V2SPDLFS Datasheet
266Kb / 2P
Full SMD side actuated
More results

Similar Description - KSC441V2RTLFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
PTS845 CK-COMPONENTS-PTS845 Datasheet
183Kb / 2P
4.5x3.4mm SMT Side Actuated Tact
14 Nov 22
PTS850 CK-COMPONENTS-PTS850 Datasheet
167Kb / 3P
5.4x5mm SMT Side Actuated Tact
14 Nov 22
PTS847 CK-COMPONENTS-PTS847 Datasheet
467Kb / 5P
4.6x2.2mm SMT Side Actuated Tact
14 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com