Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS Datasheet(PDF) 1 Page - C&K Components

Part # SFS
Description  Mid-Travel, Soft Sound Tact Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SFS Datasheet(HTML) 1 Page - C&K Components

  SFS Datasheet HTML 1Page - C&K Components SFS Datasheet HTML 2Page - C&K Components SFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
B–166
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
SFS Series
Mid-Travel, Soft Sound Tact Switch
B
1 Dec 20
LFS RoHS compliant & compatible product
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
S F S
Operating Force
R 360 gf
F 680 gf
W 970 gf
Product Size
12 12x12 mm
Seal
S Sealed
Package
T Standard: Tube
R Tape & reel
Termination
1 Thru-hole inside
2 Thru-hole outside
SMT SMT process termination
L F S
Features/Benefits
• Construction with standard
dimension 12x12 mm overall size
• Gold plating contacts
• SMT termination design
• Unique click & a sealed contact
system
• 360 gf, 680 gf & 970 gf versions
Typical Applications
• Measurement-control-regulation
• Monitoring system
• Automotive (steering wheel, mid-
console, window lifter)
• Navigation
• Disposable medical devices
• Patient monitoring
• Scan system
2
1
NEW
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST NO
TERMINALS: Gold plating, G type for SMT
and THT for manual soldering
TRAVEL:
Mechanical
Electrical
MAXIMUM VOLTAGE: 35 VDC
MAXIMUM CURRENT DC: 100 mA
MAXIMUM POWER DC: 1W
CONTACT RESISTANCE: 100 mΩ
INSULATION RESISTANCE: 1000 MΩ min.
DIELECTRIC VOLTAGE: < 0.5 mA
Environmental
OPERATING TEMPERATURE: -40˚C to +90˚C
STORAGE TEMPERATURE: -40˚C to +80˚C
Process
SOLDERING: This component is suited to the following methods:
Infrared Reflow Soldering in accordance with IEC61760-1
Packaging
700 pieces per reel
58 pieces per tube
OPERATING FORCE
TRAVEL
360 ± 70 gf
0.6 ± 0.2 mm
680 ± 160 gf
0.7 ± 0.2 mm
970 ± 250 gf
0.8 ± 0.2 mm
Operating life with load
300,000 cycles
Operating life without load
1,000,000 cycles


Similar Part No. - SFS

ManufacturerPart #DatasheetDescription
logo
Eravant
SFS-03-UEB ERAVANT-SFS-03-UEB Datasheet
435Kb / 3P
J-Band Subharmonically Pumped Mixer, 220 to 330 GHz
Rev 1.2
SFS-04-UEB ERAVANT-SFS-04-UEB Datasheet
265Kb / 2P
WR-04 Subharmonically Pumped Mixer, 170 to 260 GHz
Rev 1.1
SFS-08-N1 ERAVANT-SFS-08-N1 Datasheet
349Kb / 3P
F-Band Sub-harmonically Pumped Mixer, 90 to 140 GHz
Rev 1.0
SFS-08-N3 ERAVANT-SFS-08-N3 Datasheet
353Kb / 2P
F-Band Subharmonically Pumped Mixer, 90 to 140 GHz
Rev 1.1
SFS-08-UEB ERAVANT-SFS-08-UEB Datasheet
404Kb / 3P
F-Band Subharmonically Pumped Mixer, 90 to 140 GHz
Rev 1.2
More results

Similar Description - SFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KST ITT-KST Datasheet
165Kb / 2P
Long Travel Tact Switch for SMT
logo
C&K Components
KSC-ST CK-COMPONENTS-KSC-ST Datasheet
169Kb / 3P
Sound Tunable Tact Switch
KST CK-COMPONENTS-KST Datasheet
180Kb / 2P
Long Travel Tact Switch for SMT
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
TACT SWITCHES - SOFT TOUCH
logo
C&K Components
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-SLT CK-COMPONENTS-KSC-SLT Datasheet
331Kb / 2P
Long Travel Tact Switch
20 Apr 21
KSC-XA CK-COMPONENTS-KSC-XA Datasheet
212Kb / 1P
Soft Sound Tact Switch
8 Jul 21
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KST CK-COMPONENTS-KST_V01 Datasheet
301Kb / 2P
Long Travel Tact Switch for SMT
14 nov 17
TLS CK-COMPONENTS-TLS Datasheet
112Kb / 1P
Soft Sound Tact Switch
29 Jun 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com