Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSB040JLFS Datasheet(PDF) 1 Page - C&K Components

Part # TLSB040JLFS
Description  Soft Sound Tact Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TLSB040JLFS Datasheet(HTML) 1 Page - C&K Components

  TLSB040JLFS Datasheet HTML 1Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B
B–168
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
TLS Series
Soft Sound Tact Switch
B
29 Jun 21
LFS Lead free compatible, silver plated
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
T L S
Operating Force
040 4N
060 6N
070 7N
100 10N
Travel
A 0.9 mm
B 0.75 mm
Termination
J J bending
Tactile
None 50%
T3
30%
L F S
J
Packaging
Switches in reels of 900 pieces.
Dimensions of reels according to EIA 481B. External diameter 330 mm.
Features/Benefits
• New soft sound
• Soft actuator
• IP54
• Long life
• J terminations
• Tape & reel
Typical Applications
• Automotive interior controls
• Automatic gear shift paddle
• Steering wheel
• Window lifter
• Seat adjustment module
Type
Force (N)
Tactile Feeling (%) Travel (mm) Life (cycles)
TLS A 040J LFS
4 ± 0.8
50 ± 15
0.9 ± 0.3
1,000,000
TLS A 070J LFS
7 ± 1.5
500,000
TLS A 100J LFS
10 ± 2
300,000
TLS A 040 T3J LFS
4 ± 0.8
30 ± 15
1,000,000
TLS A 070 T3J LFS
7 ± 1.5
500,000
TLS A 100 T3J LFS
10 ± 2
300,000
TLS B 040J LFS
4 +1.0/-0.5
50 ± 15
0.75 ± 0.2
1,000,000
TLS B 060J LFS
6 +1.5/-0.75
500,000
POWER
: 10µ VA min. / 0.8 VA max.
VOLTAGE: DC 1V min. / 16 V max.
CURRENT: 10µA min. / 50 mA max.
OPERATING TEMPERATURE: -40°C / +90°C
PCB LAYOUT
CIRCUIT DIAGRAM
NEW
6,6
9,4
8,6 0,2
4,2 0,2
A
7,9 0,15
8 0,15
B


Similar Part No. - TLSB040JLFS

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TLS AEC-TLS Datasheet
422Kb / 3P
electronic tilt switches
logo
Brady Worldwide, Inc.
TLS BRADY-TLS Datasheet
359Kb / 1P
TLS2200® Labeling System
logo
BetLux Electronics
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results

Similar Description - TLSB040JLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC-ST CK-COMPONENTS-KSC-ST Datasheet
169Kb / 3P
Sound Tunable Tact Switch
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
TACT SWITCHES - SOFT TOUCH
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
C&K Components
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
C&K Components
KSC-XA CK-COMPONENTS-KSC-XA Datasheet
212Kb / 1P
Soft Sound Tact Switch
8 Jul 21
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
Mid-Travel, Soft Sound Tact Switch
1 Dec 20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com