Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSS2600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSSS2600
Description  Infrared Emitting Diode, 950 nm, GaAs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSS2600 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSSS2600 Datasheet HTML 1Page - Vishay Siliconix TSSS2600 Datasheet HTML 2Page - Vishay Siliconix TSSS2600 Datasheet HTML 3Page - Vishay Siliconix TSSS2600 Datasheet HTML 4Page - Vishay Siliconix TSSS2600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSSS2600
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 24-Aug-11
2
Document Number: 81042
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 1 - Forward Current Limit vs. Ambient Temperature
0
50
100
150
200
250
94 8029
R
thJA
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
0
25
50
75
100
125
94 7916
R
thJA
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.25
1.6
V
IF = 1.5 A, tp = 100 μs
VF
2.2
V
Temperature coefficient of VF
IF = 100 mA
TKVF
- 1.3
mV/K
Reverse current
VR = 5 V
IR
100
μA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
30
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
12.6
3
mW/sr
IF = 1.5 A, tp = 100 μs
Ie
25
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φe
20
mW
Temperature coefficient of
φe
IF = 100 mA
TK
φe
- 0.8
%/K
Angle of half intensity
horizontal
ϕ1
± 25
deg
vertical
ϕ2
± 60
deg
Peak wavelength
IF = 100 mA
λp
950
nm
Spectral bandwidth
IF = 100 mA
Δλ
50
nm
Temperature coefficient of
λp
IF = 100 mA
TK
λp
0.2
nm/K
Rise time
IF = 100 mA
tr
800
ns
IF = 1.5 A
tr
400
ns
Fall time
IF = 100 mA
tf
800
ns
IF = 1.5 A
tf
400
ns
Virtual source diameter
d2
mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com