Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSLB4940 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSLB4940
Description  High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSLB4940 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSLB4940 Datasheet HTML 1Page - Vishay Siliconix VSLB4940 Datasheet HTML 2Page - Vishay Siliconix VSLB4940 Datasheet HTML 3Page - Vishay Siliconix VSLB4940 Datasheet HTML 4Page - Vishay Siliconix VSLB4940 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VSLB4940
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 24-Jun-16
2
Document Number: 84343
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
0
1020
3040506070
8090100
21317
Tamb - Ambient Temperature (°C)
R
thJA = 300 K/W
0
20
40
60
80
100
120
0
10
203040
50607080
90 100
Tamb - Ambient Temperature (°C)
21318
R
thJA = 300 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.22
1.42
1.62
V
Temperature coefficient of VF
IF = 1 mA
TKVF
--1.5
-
mV/K
Reverse current
VR = 5 V
IR
-
-
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0 mW/cm2
CJ
-21-
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
32
65
110
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φe-
40
-
mW
Temperature coefficient of radiant
power
IF = 1 mA
TK
φe
-
-1.1
-
%/K
IF = 100 mA
TK
φe
--0.51
-
%/K
Angle of half intensity
ϕ
-± 22
-
deg
Peak wavelength
IF = 30 mA
λp
-
940
-
nm
Spectral bandwidth
IF = 30 mA
Δλ
-30-
nm
Temperature coefficient of lp
IF = 30 mA
TKλp
-0.25-
nm
Rise time
IF = 100 mA, 20 % to 80 %
tr
-15-
ns
Fall time
IF = 100 mA, 20 % to 80 %
tf
-15-
ns
Virtual source diameter
d
-
2
-
mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com